Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPC60 Datasheet(PDF) 1 Page - Allied Components International

Part # ASPC60
Description  Power Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ASPC60 Datasheet(HTML) 1 Page - Allied Components International

  ASPC60 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASPC60
Power Shielded Inductors
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
DCR
Max
Rated
I (mA)
ASPC60-251K-RC
250
10
0.17
1330
ASPC60-102K-RC
1000
10
0.80
610
All specifications subject to change without notice.
0.530 Max
1.15 Nominal
22 AWG/TCW
0.270 Max
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Features
• Magnetically Shielded
• Epoxy End Caps for added Lead
Electrical
Test Equipment
Physical
Packaging:
Bulk Only
Inductance Range: 250µh ~ 1000µh
Tolerance: 10% across entire range
Test Frequency: 1KHZ
Operating Temp: -55ºC ~ +125ºC
dissipation for approximately 20ºC Temp Rise
Inductance / Q: HP4342A
Current: CH301 Current Source and DCR Meter
SRF: HP4191A / HP4291A
Marking:
EIA Inductance Code
Tighter tolerances available
Strength and Protection
Current Rating: Based on a .33 watt power
REVISED 7/26/10
ASPC60-501K-RC
500
10
0.39
880
INCR
(mA)
60
44
30
Dimensions:
Inches
(mm)
(13.46)
(6.86)
(29.21)
Incremental Current: The current at which the
inductance will drop 5%
DCR: CH301 Current Source and DCR Meter
Ω
100K


Similar Part No. - ASPC60

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
ASPC60-102K-RC BRIGHT-ASPC60-102K-RC Datasheet
565Kb / 1P
Power Shielded Inductors
ASPC60-251K-RC BRIGHT-ASPC60-251K-RC Datasheet
565Kb / 1P
Power Shielded Inductors
ASPC60-501K-RC BRIGHT-ASPC60-501K-RC Datasheet
565Kb / 1P
Power Shielded Inductors
More results

Similar Description - ASPC60

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com