Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS1206 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSS1206
Description  Ultra Precision Current Sensing Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSS1206 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSS1206 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSS1206 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSS1206 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSS1206 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSS1206 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS1206 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 06/04/2012
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS/CSSH Series
Ultra Precision Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
0.126 ± 0.010
0.063 ± 0.010
0.025 ± 0.010
0.020 ± 0.010
0.020 ± 0.010
inches
3.20 ± 0.25
1.60 ± 0.25
0.65 ± 0.25
0.51 ± 0.25
0.51 ± 0.25
mm
0.200 ± 0.010
0.100 ± 0.010
0.031 ± 0.010
0.051 ± 0.010
0.051 ± 0.010
inches
5.08 ± 0.25
2.54 ± 0.25
0.79 ± 0.25
1.30 ± 0.25
1.30 ± 0.25
mm
0.200 ± 0.010
0.100 ± 0.010
0.025 ± 0.010
0.031 ± 0.010
0.031 ± 0.010
inches
5.08 ± 0.25
2.54 ± 0.25
0.65 ± 0.25
0.79 ± 0.25
0.79 ± 0.25
mm
0.246 ± 0.010
0.130 ± 0.010
0.031 ± 0.010
0.074 ± 0.010
0.074 ± 0.010
inches
6.25 ± 0.25
3.30 ± 0.25
0.79 ± 0.25
1.88 ± 0.25
1.88 ± 0.25
mm
0.246 ± 0.010
0.130 ± 0.010
0.025 ± 0.010
0.044 ± 0.010
0.044 ± 0.010
inches
6.25 ± 0.25
3.30 ± 0.25
0.65 ± 0.25
1.12 ± 0.25
1.12 ± 0.25
mm
0.246 ± 0.010
0.130 ± 0.010
0.031 ± 0.010
0.074 ± 0.010
0.074 ± 0.010
inches
6.25 ± 0.25
3.30 ± 0.25
0.79 ± 0.25
1.88 ± 0.25
1.88 ± 0.25
mm
0.0006 - 0.0029
0.246 ± 0.010
0.130 ± 0.010
0.031 ± 0.010
0.044 ± 0.010
0.044 ± 0.010
inches
0.0041 - 0.01
6.25 ± 0.25
3.30 ± 0.25
0.79 ± 0.25
1.12 ± 0.25
1.12 ± 0.25
mm
0.246 ± 0.010
0.130 ± 0.010
0.031 ± 0.010
0.066 ± 0.010
0.066 ± 0.010
inches
6.25 ± 0.25
3.30 ± 0.25
0.79 ± 0.25
1.68 ± 0.25
1.68 ± 0.25
mm
0.268 ± 0.010
0.254 ± 0.010
0.039 ± 0.010
0.085 ± 0.010
0.085 ± 0.010
inches
6.81 ± 0.25
6.45 ± 0.25
0.99 ± 0.25
2.16 ± 0.25
2.16 ± 0.25
mm
0.268 ± 0.010
0.254 ± 0.010
0.043 ± 0.010
0.085 ± 0.010
0.085 ± 0.010
inches
6.81 ± 0.25
6.45 ± 0.25
1.09 ± 0.25
2.16 ± 0.25
2.16 ± 0.25
mm
0.268 ± 0.010
0.254 ± 0.010
0.039 ± 0.010
0.085 ± 0.010
0.085 ± 0.010
inches
6.81 ± 0.25
6.45 ± 0.25
0.99 ± 0.25
2.16 ± 0.25
2.16 ± 0.25
mm
0.268 ± 0.010
0.254 ± 0.010
0.035 ± 0.010
0.071 ± 0.010
0.071 ± 0.010
inches
6.81 ± 0.25
6.45 ± 0.25
0.89 ± 0.25
1.80 ± 0.25
1.80 ± 0.25
mm
0.268 ± 0.010
0.254 ± 0.010
0.035 ± 0.010
0.065 ± 0.010
0.065 ± 0.010
inches
6.81 ± 0.25
6.45 ± 0.25
0.89 ± 0.25
1.65 ± 0.25
1.65 ± 0.25
mm
0.268 ± 0.010
0.254 ± 0.010
0.035 ± 0.010
0.051 ± 0.010
0.051 ± 0.010
inches
6.81 ± 0.25
6.45 ± 0.25
0.89 ± 0.25
1.30 ± 0.25
1.30 ± 0.25
mm
0.264 ± 0.010
0.283 ± 0.010
0.039 ± 0.010
0.045 ± 0.010
0.045 ± 0.010
inches
6.71 ± 0.25
7.19 ± 0.25
0.99 ± 0.25
1.14 ± 0.25
1.14 ± 0.25
mm
0.264 ± 0.010
0.283 ± 0.010
0.039 ± 0.010
0.045 ± 0.010
0.045 ± 0.010
inches
6.71 ± 0.25
7.19 ± 0.25
0.99 ± 0.25
1.14 ± 0.25
1.14 ± 0.25
mm
0.450 ± 0.010
0.270 ± 0.010
0.059 ± 0.010
0.038 ± 0.010
0.127 ± 0.010
inches
11.43 ± 0.25
6.85 ± 0.25
1.50 ± 0.25
0.97 ± 0.25
3.22 ± 0.25
mm
0.450 ± 0.010
0.270 ± 0.010
0.059 ± 0.010
0.038 ± 0.010
0.071 ± 0.010
inches
11.43 ± 0.25
6.85 ± 0.25
1.50 ± 0.25
0.97 ± 0.25
1.82 ± 0.25
mm
0.0005 - 0.005
CSS4527
5
0.0051 - 0.1
0.0025
0.003
0.0041 - 0.075
2
0.0005
0.003 - 0.004
3
1
0.0031 - 0.1
H
CSSH2512
0.004 - 0.1
4
3
0.00025, 0.0005
0.001
0.0015
0.002
0.0005 - 0.004
Unit
CSS1206
Type/Code
Maximum Power
Rating (Watts)
Resistance Range
(Ω)
1
b
LW
a
CSSH2728
4
0.004 - 0.1
0.001 - 0.05
CSS2010
CSS2728
CSS2725
CSS2512
0.001 - 0.003
Mechanical Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com