Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA120 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA120
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA120 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA120 Datasheet HTML 5Page - STMicroelectronics STA120 Datasheet HTML 6Page - STMicroelectronics STA120 Datasheet HTML 7Page - STMicroelectronics STA120 Datasheet HTML 8Page - STMicroelectronics STA120 Datasheet HTML 9Page - STMicroelectronics STA120 Datasheet HTML 10Page - STMicroelectronics STA120 Datasheet HTML 11Page - STMicroelectronics STA120 Datasheet HTML 12Page - STMicroelectronics STA120 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
STA120
Figure 4. Special Audio Port Formats 12 and 13
Error And Frequency Reporting
When SEL is low, error and received frequency information are selected.
The error information is encoded on pins E2, E1, and E0, and is decoded as shown in Table 3. When an
error occurs, the corresponding error code is latched.
Clearing is then accomplished by bringing SEL high for more than eight MCK cycles. The errors have a
priority associated with their error code, with validity having the lowest priority that occurred since the last
clearing will be selected.
Table 3. Error Decoding
Figure 5. CBL Timing
E2
E1
E0
Error
0
0
0
No Error
0
0
1
Validity Bit High
0
1
0
Confidence flag
0
1
1
Slipped Sample
1
0
0
CRC Error (PRO only)
1
0
1
Parity Error
1
1
0
Bi-Phase Coding Error
1
1
1
No Lock
AUX
LSB
LEFT
RIGHT
MSB
V
U
C
P
AUX
LSB
MSB
V
U
C
P
LSB
LEFT
RIGHT
MSB
LSB
MSB
AUX
VU
CP
AUX
VU
CP
FSYNC(out)
SCK(out)
SDATA(out)
FSYNC(out)
SCK(out)
SDATA(out)
D98AU987
RIGHT 0
RIGHT 191
LEFT 0
RIGHT 31
RIGHT 191
CBL
C0
D98AU988
LEFT 0
LEFT 1
LEFT 32
SDATA
Ca-Ce
FSYNC
ERF,
VERF
C, U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com