Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56N3LLH5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 56N3LLH5
Description  N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

56N3LLH5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 56N3LLH5 Datasheet HTML 6Page - STMicroelectronics 56N3LLH5 Datasheet HTML 7Page - STMicroelectronics 56N3LLH5 Datasheet HTML 8Page - STMicroelectronics 56N3LLH5 Datasheet HTML 9Page - STMicroelectronics 56N3LLH5 Datasheet HTML 10Page - STMicroelectronics 56N3LLH5 Datasheet HTML 11Page - STMicroelectronics 56N3LLH5 Datasheet HTML 12Page - STMicroelectronics 56N3LLH5 Datasheet HTML 13Page - STMicroelectronics 56N3LLH5 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package mechanical data
STL56N3LLH5
10/16
Doc ID 18415 Rev 4
Table 8.
PowerFLAT 5x6 type S-R mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
1.00
A1
0.02
0.05
A2
0.25
b
0.30
0.50
D
5.00
5.20
5.40
E
5.95
6.15
6.35
D2
4.11
4.31
E2
3.50
3.70
e1.27
L
0.60
0.80
K
1.275
1.575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com