Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR7-SKIAR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STR7-SKIAR
Description  IAR starter kits for ST ARM core-based microcontrollers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR7-SKIAR Datasheet(HTML) 2 Page - STMicroelectronics

  STR7-SKIAR Datasheet HTML 1Page - STMicroelectronics STR7-SKIAR Datasheet HTML 2Page - STMicroelectronics STR7-SKIAR Datasheet HTML 3Page - STMicroelectronics STR7-SKIAR Datasheet HTML 4Page - STMicroelectronics STR7-SKIAR Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Starter kit architecture
STR91X-SK/IAR, STR7-SK/IAR
2/5
Doc ID 11310 Rev 8
Starter kit architecture
The IAR development software is a suite of software tools for all phases of application
development that includes:
●
IAR Embedded WorkBench® for ARM integrated development environment with the
KickStart 32KB C/C++ compiler to build the application and the C-SPY debugger for
debugging the application while it runs on your microcontroller.
●
IAR VisualSTATE® 20-state version of IAR’s graphical design environment with C/C++
code generator for developing application code based on machine states.
●
J-Link in-circuit debugger/programmer (USB/JTAG) which integrates fully with EWARM,
allowing you to download the application to your target and debug it while it runs on
your ST ARM core-based microcontroller.
●
KickStart development board that provides a full range of features to help developers
evaluate and start developing applications for the included microcontroller. The board is
powered from the J-Link’s USB connection with the host PC.
Table 1.
KickStart development board key features
Feature
Starter kit
STR91X-SK/IAR
STR750-SK/IAR
STR731-SK/IAR
STR712-SK/IAR
STR711-SK/IAR
Included
microcontroller
J-Link
Standalone
Standalone
Standalone
Standalone
Standalone
20-pin JTAG
connector
Yes
Yes
Yes
Yes
Yes
Trace tool connector
38-pin
N/A
N/A
N/A
N/A
Power supply from
USB connection
Yes
Yes
Yes
Yes
Yes
Backup power supply
3V button battery
No
No
No
No
USART connector(s)
3
3422
SPI
Yes
Yes
Yes
Yes
Yes
I2C
Yes
Yes
Yes
Yes
Yes
CAN connector
Yes
Yes
No
Yes
No
USB connector
Host
Host
Host
No
Host
Ethernet connector
Yes
N/A
N/A
N/A
N/A
User LEDs
16
16
16
2
2
LCD display
Yes (2x16)
Yes (2x16)
Yes (2x16)
No
No
SD/MMC connector
Yes
Yes
No
No
No
Potentiometer
connected to ADC
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com