Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW30NF20 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW30NF20
Description  N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW30NF20 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW30NF20 Datasheet HTML 7Page - STMicroelectronics STW30NF20 Datasheet HTML 8Page - STMicroelectronics STW30NF20 Datasheet HTML 9Page - STMicroelectronics STW30NF20 Datasheet HTML 10Page - STMicroelectronics STW30NF20 Datasheet HTML 11Page - STMicroelectronics STW30NF20 Datasheet HTML 12Page - STMicroelectronics STW30NF20 Datasheet HTML 13Page - STMicroelectronics STW30NF20 Datasheet HTML 14Page - STMicroelectronics STW30NF20 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STP30NF20 - STW30NF20 - STB30NF20
Package mechanical data
11/16
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.85
5.15
0.19
0.20
A1
2.20
2.60
0.086
0.102
b
1.0
1.40
0.039
0.055
b1
2.0
2.40
0.079
0.094
b2
3.0
3.40
0.118
0.134
c
0.40
0.80
0.015
0.03
D
19.85
20.15
0.781
0.793
E
15.45
15.75
0.608
0.620
e5.45
0.214
L
14.20
14.80
0.560
0.582
L1
3.70
4.30
0.14
0.17
L2
18.50
0.728
øP
3.55
3.65
0.140
0.143
øR
4.50
5.50
0.177
0.216
S5.50
0.216
TO-247 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com