Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB30NF20 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB30NF20
Description  N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30NF20 Datasheet(HTML) 3 Page - STMicroelectronics

  STB30NF20 Datasheet HTML 1Page - STMicroelectronics STB30NF20 Datasheet HTML 2Page - STMicroelectronics STB30NF20 Datasheet HTML 3Page - STMicroelectronics STB30NF20 Datasheet HTML 4Page - STMicroelectronics STB30NF20 Datasheet HTML 5Page - STMicroelectronics STB30NF20 Datasheet HTML 6Page - STMicroelectronics STB30NF20 Datasheet HTML 7Page - STMicroelectronics STB30NF20 Datasheet HTML 8Page - STMicroelectronics STB30NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STP30NF20 - STW30NF20 - STB30NF20
Electrical ratings
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
200
V
VGS
Gate-source voltage
±20
V
ID
Drain current (continuous) at TC = 25°C
30
A
ID
Drain current (continuous) at TC=100°C
19
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
120
A
PTOT
Total dissipation at TC = 25°C
125
W
Derating factor
1
W/°C
dv/dt(2)
2.
ISD ≤ 30A, di/dt ≤ 200A/µs, VDD = 80%V(BR)DSS
Peak diode recovery voltage slope
10
V/ns
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Thermal data
Symbol
Parameter
TO-220/
D²PAK
TO-247
Unit
RthJC
Thermal resistance junction-case max
1
°C/W
RthJA
Thermal resistance junction-ambient max
62.5
50
°C/W
Table 4.
Avalanche data
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not
repetitive (pulse width limited by Tjmax)
30
A
EAS
Single pulse avalanche energy (starting
Tj=25°C, ID=IAR, VDD=50V)
140
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com