Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YPY1105W Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # YPY1105W
Description  Single Color High Brightness Type
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

YPY1105W Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  YPY1105W Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. YPY1105W Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. YPY1105W Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. YPY1105W Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. YPY1105W Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. YPY1105W Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. YPY1105W Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. YPY1105W Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. YPY1105W Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Color and Luminous Intensity
Page 2
TYP.
IF
MIN.
TYP.
IF
YBG1105W
AIGaInP
Green
562
20257020
YPY1105W
AIGaInP
Yellow
Green
572
20
80
220
20
FY1105W
AIGaInP
Yellow
590
20
70
180
20
FA1105W
AIGaInP
Orange
605
20
70
200
20
FR1105W
AIGaInP
Red
626
20
70
180
20
Part No.
Material
Emitted
Color
Water
Clear
Iv (mcd)
Lens
Color
Luminous Intensity
Dominant
Wavelength
λd (nm)
Single Color High Brightness Type
1105W Series
(Ta=25℃)
2005.7.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com