Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDA-E4E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # KDA-E4E
Description  RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KDA-E4E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button KDA-E4E Datasheet HTML 3Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 4Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 5Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 6Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 7Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 8Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 9Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 10Page - List of Unclassifed Manufacturers KDA-E4E Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application notes
N°007
SUPPRESSOR DEVICES FOR RELAY COILS
The inductive nature of relay coils allows them to create magnetic forces which are converted to mechanical movements to
operate contact systems. When voltage is applied to a coil, the resulting current generates a magnetic flux, creating
mechanical work. Upon deenergizing the coil, the collapasing magnetic field induces a reverse voltage (also known as back
EMF) which tends to maintain current flow in the coil. The induced voltage level mainly depends on the duration of the
deenergization. The faster the switch-off, the higher the induced voltage.
All coil suppression networks are based on a reduction of speed of current decay. This reduction may also slow down the
opening of contacts, adversly effecting contact life and reliability. Therefore, it is very important to have a clear understanding
of these phenomena when designing a coil suppression circuitry.
Typical coil characteristics
On the graph below, the upper record shows the contacts state. (High level NO contacts closed, low level NC contacts closed,
intermediate state contact transfer). The lower record shows the voltage across the coil when the current is switched off by
another relay contact.
The surge voltage is limited to -300V by the arc generated across contact poles. Discharge duration is about 200
mircoseconds after which the current change does not generate sufficient voltage. The voltage decreases to the point where
the contacts start to move, at this time, the voltage increases due to the energy contained in the NO contact springs. The
voltage decreases again during transfer, and increases once more when the magnetic circuit is closed on permanent magnet.
Operating times are as follows:
Time to start the movement 1.5ms
Total motion time 2.3ms
Transfer time 1.4ms
Contact State
Date of issue: 6/00
- 8 -
Page 1 of 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com