Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGC16N60B2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGC16N60B2
Description  Electrically Isolated Back Surface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGC16N60B2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGC16N60B2 Datasheet HTML 1Page - IXYS Corporation IXGC16N60B2 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGC 16N60B2
IXGC 16N60B2D1
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
g
fs
I
C
= 12A; V
CE = 10 V,
8
12
S
Note 2.
C
ies
V
CE = 25 V, VGE = 0 V, f = 1 MHz
780
pF
C
oes
16N60B2
55
pF
16N60B2D1
65
pF
C
res
19
pF
Q
g
I
C = 20A, VGE = 15 V, VCE = 0.5 VCES
32
nC
Q
ge
6nC
Q
gc
10
nC
t
d(on)
25
ns
t
ri
15
ns
t
d(off)
70
150
ns
t
fi
80
150
ns
E
off
150
260
mJ
t
d(on)
25
ns
t
ri
18
ns
E
on
16N60B2
0.38
mJ
16N60B2D 1
0.8
mJ
t
d(off)
110
ns
t
fi
170
ns
E
off
350
mJ
R
thJC
2.0 K/W
R
thCK
0.25
K/W
Inductive load, T
J = 125°C
I
C = 12A; VGE = 15 V
V
CE = 400 V; RG = Roff = 22 Ω
Note 1
Notes:
1. Switching times may increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J,
or increased R
G.
2. Pulse test, t < 300 ms, duty cycle d < 2 %
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min. typ.
max.
V
F
I
F = 10 A, VGE = 0 V
2.66
V
T
J = 125°C
1.66
V
I
RM
I
F = 12 A; -diF/dt = 100 A/μs, VR = 100 V
2.5
A
t
rr
V
GE = 0 V; TJ = 125°C
110
ns
t
rr
I
F = 1 A; -diF/dt = 100 A/μs; VR = 30 V, VGE = 0 V
30
ns
R
thJC
2.5 K/W
ISOPLUS220 Outline
Inductive load, T
J = 125°C
I
C = 12A; VGE = 15 V
V
CE = 400 V; RG = Roff = 22 Ω
Note 1
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com