Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC02 Datasheet(PDF) 2 Page - Allied Components International

Part # CC02
Description  Ceramic Core Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

CC02 Datasheet(HTML) 2 Page - Allied Components International

  CC02 Datasheet HTML 1Page - Allied Components International CC02 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
50
Rated
Current
(mA)
CC02-68NK-RC
CC02-R18K-RC
Allied
Part
Number
Inductance
(nh)
Tolerance
(%)
Q
Min.
SRF
Min.
(MHz)
DCR
Max.
(Ω)
68
180
250
100
22
8
1620
700
1.12
Test
Freq.
(MHz)
10
10
CC02 Ceramic Core Chip Inductors
RoHS
949-356-1780
ALLIED COMPONENTS INTERNATIONAL
www.alliedcomponents.com
30
CC02-R10K-RC
100
250
20
1160
2.00
10
Features
• 0402 size suitable for pick and place
• Ceramic core provide high self resonant
• High Q values at high frequencies
Electrical
Inductance Range: 1nH to 180nH
Tolerance: 10% over entire range
Test Frequency: At specified frequency with
Operating Temp: -40ºC ~ 125ºC
Irms: Based on 15ºC temperature rise @
Test Equipment
(L/Q): HP4291A / HP16193A
Test Method: Reflow Solder the devide onto PCB
Physical
Packaging: 4000 pieces per 7 inch reel.
• Low Profile under .66mm
• Ceramic core also provides excellent thermal
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Total test time: 6 minutes
(SRF): HP8753D / Agilent E4991
(RDC): Chen Hwa 502BC
Irms: HP4284A + HP42841A / HP4285A +
Marking: None
automation
frequency.
and batch consistency
Most values available in tighter tolerances
Test OSC @ 200mV
25º Ambient.
Peak Temp: 260ºC ± 5ºC for 10 sec.
HP42841A
REVISED 04/07/2014
30
CC02-72NK-RC
72
250
20
1260
2.00
10
50
CC02-82NK-RC
82
250
20
1260
1.55
10
2.70
Also available in 5% = J, 2% = G, 0.2nH = C, 0.1nH = B
All specifications subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com