Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHQ05 Datasheet(PDF) 1 Page - Allied Components International

Part # CHQ05
Description  Core High Q Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

CHQ05 Datasheet(HTML) 1 Page - Allied Components International

  CHQ05 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
To complete part number insert tolerance designator: K=10%, J=5%, G=2%
CHQ05 Ceramic Core High Q Chip Inductors
Features
Electrical
Tolerance: 2.5nH-12nH available in 10% & 5%,
16nH-51nH available in 10%, 5%, and 2%
Test Frequency: At specified Frequency with
Test OSC @ 200mV.
Operating Temp: -40ºC ~ 125ºC
Irms: Based on 15ºC temperature rise @
25ºC Ambient.
Resistance to Soldering Heat
Test Equipment
Physical
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
1600
1600
1500
1400
1400
1300
1200
1200
1000
Irms
(mA)
CHQ05-2N5_-RC
CHQ05-5N6_-RC
CHQ05-16N_-RC
CHQ05-18N_-RC
CHQ05-20N_-RC
CHQ05-27N_-RC
CHQ05-30N_-RC
CHQ05-48N_-RC
CHQ05-51N_-RC
Allied
Part
Number
Inductance
(nH)
Tolerance
(%)
Min.
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
2.5
5.6
16
18
20
27
30
48
51
250/1500
250/1500
250/500
250/500
250/500
250/500
250/500
250/500
250/500
80
98
72
75
70
75
65
65
65
6000
6000
2950
2550
2050
2000
1950
1400
1400
0.02
.035
0.06
0.06
.055
0.70
.095
0.11
0.12
L/QTest
Freq.
(MHz)
10, 5
10, 5
10, 5, 2
10, 5, 2
10, 5, 2
10, 5, 2
10, 5, 2
10, 5, 2
10, 5, 2
1100
CHQ05-39N_-RC
39
250/500
65
1600
.095
10, 5, 2
1600
1600
CHQ05-6N2_-RC
CHQ05-12N_-RC
6.2
12
250/1000
250/1000
88
80
4750
3000
.035
.045
10, 5
10, 5
Q
• 0805 size suitable for pick and place
• Exceptional High Q values at high frequencies
• Ceramic core provides high self resonant
• Low DC resistance ideal for mobile applications
• High Current and low loss excellent for RF
applications
Inductance Range: 2.5nH to 51nH
Test Method:Reflow Solder the device onto
Peak Temp: 260ºC ± 5ºC for 10 sec.
Solder Composition: Sn/Ag3.0/Cu0.5
Total Test Time: 6 minutes
(L/Q):
HP4286A / HP4287A / Agilent E4491A
(SRF):
HP8753D / Agilent E4991
(RDC): Chen Hwa 502BC
(Irms): HP4284A + HP42841A / HP4285A +
HP42841A +HP4284A + HP42841A
Packaging: 2000 pieces per 7 inch reel
Marking: Single Dot Color Code System
REVISED 06/01/11
Max.
Dimensions:
Inches
(mm)
automation
frequencies
• Non-Magnetic core assures excellent thermal
stability and batch consistency
PCB


Similar Part No. - CHQ05

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CHQ05-12NK-RC ALLIED-CHQ05-12NK-RC Datasheet
410Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ05-16NK-RC ALLIED-CHQ05-16NK-RC Datasheet
410Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ05-18NK-RC ALLIED-CHQ05-18NK-RC Datasheet
410Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ05-20NK-RC ALLIED-CHQ05-20NK-RC Datasheet
410Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ05-27NK-RC ALLIED-CHQ05-27NK-RC Datasheet
410Kb / 1P
Ceramic Core High Q Chip Inductors
More results

Similar Description - CHQ05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW201212 ETC1-CW201212 Datasheet
696Kb / 1P
High Q Chip Inductors
logo
Bourns Electronic Solut...
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
High Q Chip Inductors
CW252016 BOURNS-CW252016 Datasheet
137Kb / 1P
High Q Chip Inductors
logo
Allied Components Inter...
CHC03-1N6K-RC ALLIED-CHC03-1N6K-RC Datasheet
422Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ05-2N5K-RC ALLIED-CHQ05-2N5K-RC Datasheet
410Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ10-4N1K-RC ALLIED-CHQ10-4N1K-RC Datasheet
435Kb / 1P
Ceramic Core High Q Chip Inductors
logo
Bourns Electronic Solut...
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
High Q Chip Inductors
PM0603-2N2-R BOURNS-PM0603-2N2-R Datasheet
300Kb / 1P
High Q Chip Inductors
PM1008-10NM-RC BOURNS-PM1008-10NM-RC Datasheet
291Kb / 1P
High Q Chip Inductors
logo
Allied Components Inter...
CHQ10 ALLIED-CHQ10 Datasheet
438Kb / 1P
Core High Q Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com