Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC05-R15K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # FC05-R15K-RC
Description  Ferrite Core Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

FC05-R15K-RC Datasheet(HTML) 1 Page - Allied Components International

  FC05-R15K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FC05 Ferrite Core Chip Inductors
Features
Electrical
i
l
After soldering,
push l0 to 2000) x 10 -6
°C.
Allied
Part
Number
Inductance
(
µh)
IDC
(mA)
SRF
Min.
(MHz)
Tolerance
(%)
DCR
Max.
(
Ω)
Test
Freq.
(MHz)
FC05-R12K-RC
0.12
10
25
25.2
500
0.20
600
FC05-R15K-RC
0.15
10
25
25.2
450
0.25
600
FC05-R18K-RC
0.18
10
25
25.2
410
0.30
570
FC05-R22K-RC
0.22
10
25
25.2
350
0.35
550
FC05-R27K-RC
0.27
10
25
25.2
280
0.40
530
FC05-R33K-RC
0.33
10
25
25.2
235
0.45
510
FC05-R39K-RC
0.39
10
25
25.2
210
0.50
490
FC05-R47K-RC
0.47
10
25
25.2
170
0.55
470
FC05-R56K-RC
0.56
10
25
25.2
150
0.60
450
FC05-R68K-RC
0.68
10
25
25.2
140
0.70
420
FC05-R82K-RC
0.82
10
25
25.2
130
0.75
400
FC05-1R0K-RC
1.00
10
15
7.96
115
0.80
350
FC05-1R2K-RC
1.20
10
15
7.96
95
0.90
325
FC05-1R5K-RC
1.50
10
15
7.96
85
1.05
300
FC05-1R8K-RC
1.80
10
15
7.96
80
1.20
270
FC05-2R2K-RC
2.20
10
15
7.96
75
1.40
250
FC05-2R7K-RC
2.70
10
15
7.96
70
1.60
230
FC05-3R3K-RC
3.30
10
15
7.96
60
1.80
210
FC05-3R9K-RC
3.90
10
15
7.96
55
2.00
190
FC05-4R7K-RC
4.70
10
15
7.96
45
2.40
170
FC05-5R6K-RC
5.60
10
15
7.96
40
2.70
150
FC05-6R8K-RC
6.80
10
15
7.96
36
3.20
140
FC05-8R2K-RC
8.20
10
15
7.96
33
3.60
120
FC05-100K-RC
10.0
10
15
2.52
30
4.50
110
FC05-120K-RC
12.0
10
15
2.52
25
5.70
105
FC05-150K-RC
15.0
10
15
2.52
23
6.50
90
FC05-180K-RC
18.0
10
15
2.52
21
7.00
85
FC05-220K-RC
22.0
10
15
2.52
20
8.00
78
FC05-270K-RC
27.0
10
15
2.52
18
9.00
75
FC05-330K-RC
33.0
10
15
2.52
17
10.0
70
Q
Min.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
REVISED 12/11/08
Inductance Range: .12 µh to 33µh
Tolerance: 10% across entire range, also
available in 5%.
Operating Temp. Range: -25ºC ~ 85ºC
IDC: Inductance drop 10% Typ. from original
Test Frequency: (L/Q) as specified, test
OSC @ 200mV
value with no current.
i
l
After soldering,
push l0 to 2000) x 10 -6
°C.
Physical
Packaging: 2000 pieces per 7 inch reel
Resistance to Solder Heat
Test Method: Reflow solder the device onto PCB
Peak Temp: 260ºC ± for 10 sec.
Solder Composition: Sn/Ag3.0/Cu0.5
Test time: 6 minutes
Test Equipment
(L/Q): HP4191A RF Impedance Analyzer
(DCR): Chen Hwa 502BC
(SRF): HP4291A RF Impedance Analyzer
(IDC): HP4284A with HP42841A
Marking: Three Dot Color Code
Terminal wrap around:
0.15 mm min. Both Ends
Dimensions:
Inches
(mm)
Ferrite core for broader inductance range
climate change
Low DCR for Low Loss Applications
Highly resistant to mechanical forces
Excellent Solderability Characteristics
Accurate dimensions for auto insertion
• Excellent reliability in temperature and


Similar Part No. - FC05-R15K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
FC05-R15K-RC ALLIED-FC05-R15K-RC Datasheet
1Mb / 1P
Ferrite Core Chip Inductors
More results

Similar Description - FC05-R15K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
FC05-R12K-RC ALLIED-FC05-R12K-RC Datasheet
1Mb / 1P
Ferrite Core Chip Inductors
FC10-R005K-RC ALLIED-FC10-R005K-RC Datasheet
381Kb / 1P
Ferrite Core Chip Inductors
LS03-47NJ-RC ALLIED-LS03-47NJ-RC Datasheet
361Kb / 1P
Ferrite Core Chip Inductors
LS05-78NJ-RC ALLIED-LS05-78NJ-RC Datasheet
387Kb / 1P
Ferrite Core Chip Inductors
LS10-1R2J-RC ALLIED-LS10-1R2J-RC Datasheet
317Kb / 1P
Ferrite Core Chip Inductors
FC10 ALLIED-FC10 Datasheet
382Kb / 1P
Ferrite Core Chip Inductors
LD05 ALLIED-LD05 Datasheet
447Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LS03 ALLIED-LS03 Datasheet
361Kb / 1P
Ferrite Core Chip Inductors
LS05 ALLIED-LS05 Datasheet
388Kb / 1P
Ferrite Core Chip Inductors
LS10 ALLIED-LS10 Datasheet
318Kb / 1P
Ferrite Core Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com