Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHQ10-R15K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # CHQ10-R15K-RC
Description  Core High Q Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

CHQ10-R15K-RC Datasheet(HTML) 1 Page - Allied Components International

  CHQ10-R15K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available in tighter tolerances.
CHQ10 Ceramic Core High Q Chip Inductors
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
1600
1600
1400
1400
1300
1300
1200
1100
1100
Irms
(mA)
CHQ10-4N1K-RC
CHQ10-8N2K-RC
CHQ10-18NK-RC
CHQ10-22NK-RC
CHQ10-33NK-RC
CHQ10-39NK-RC
CHQ10-47NK-RC
CHQ10-68NK-RC
CHQ10-82NK-RC
Allied
Part
Number
Inductance
(nH)
Tolerance
(%)
Min.
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
4.1
8.2
18
22
33
39
47
68
82
50/1500
50/500
50/350
50/350
50/350
50/350
50/350
50/350
50/350
75
60
62
62
75
75
75
80
80
6000
3600
2700
2050
1700
1300
1450
1150
1060
0.05
0.06
0.07
0.07
0.09
0.09
0.12
0.13
0.16
L/QTest
Freq.
(MHz)
10
10
10
10
10
10
10
10
10
1200
CHQ10-56NK-RC
56
50/350
75
1230
0.12
10
1600
1500
CHQ10-10NK-RC
CHQ10-12NK-RC
10
12
50/500
50/500
60
70
3600
2800
0.06
0.06
10
10
Q
REVISED 03/06/12
Max.
1000
1000
1000
1000
900
800
CHQ10-R10K-RC
CHQ10-R12K-RC
CHQ10-R15K-RC
CHQ10-R22K-RC
CHQ10-R33K-RC
CHQ10-R39K-RC
100
120
150
220
330
390
50/350
25/100
25/100
25/100
25/100
25/100
62
50
48
48
48
48
1000
950
820
730
570
530
0.16
0.20
0.23
0.45
0.65
0.70
10
10
10
10
10
10
900
CHQ10-R27K-RC
270
25/100
48
650
0.50
10
Dimensions:
Inches
(mm)
Features
• 1008 size suitable for pick and place
• Exceptional High Q values at high frequencies
• Ceramic core provides high self resonant
• Low DC resistance ideal for mobile applications
• High Current and low loss excellent for RF
applications
automation
frequencies
• Non-Magnetic core assures excellent thermal
stability and batch consistency
Electrical
Tolerance: 5% Across entire range
Available in tighter tolerances
Test Frequency: At specified Frequency with
Test OSC @ 200mV.
Operating Temp: -40ºC ~ 125ºC
Irms: Based on 15ºC temperature rise @
25ºC Ambient.
Inductance Range: 4.1nH to 390nH
Resistance to Soldering Heat
Test Equipment
Physical
Test Method:Reflow Solder the device onto
Peak Temp: 260ºC ± 5ºC for 10 sec.
Solder Composition: Sn/Ag3.0/Cu0.5
Total Test Time: 6 minutes
(L/Q):
HP4286A / HP4287A / Agilent E4491A
(SRF):
HP8753D / Agilent E4991
(RDC): Chen Hwa 502BC
(Irms): HP4284A + HP42841A / HP4285A +
HP42841A
Packaging: 2000 pieces per 7 inch reel
Marking: Three Dot Color Code System
PCB


Similar Part No. - CHQ10-R15K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CHQ10-R15NK-RC ALLIED-CHQ10-R15NK-RC Datasheet
435Kb / 1P
Ceramic Core High Q Chip Inductors
More results

Similar Description - CHQ10-R15K-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW201212 ETC1-CW201212 Datasheet
696Kb / 1P
High Q Chip Inductors
logo
Bourns Electronic Solut...
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
High Q Chip Inductors
CW252016 BOURNS-CW252016 Datasheet
137Kb / 1P
High Q Chip Inductors
logo
Allied Components Inter...
CHC03-1N6K-RC ALLIED-CHC03-1N6K-RC Datasheet
422Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ05-2N5K-RC ALLIED-CHQ05-2N5K-RC Datasheet
410Kb / 1P
Ceramic Core High Q Chip Inductors
CHQ10-4N1K-RC ALLIED-CHQ10-4N1K-RC Datasheet
435Kb / 1P
Ceramic Core High Q Chip Inductors
logo
Bourns Electronic Solut...
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
High Q Chip Inductors
PM0603-2N2-R BOURNS-PM0603-2N2-R Datasheet
300Kb / 1P
High Q Chip Inductors
PM1008-10NM-RC BOURNS-PM1008-10NM-RC Datasheet
291Kb / 1P
High Q Chip Inductors
logo
Allied Components Inter...
CHQ05 ALLIED-CHQ05 Datasheet
416Kb / 1P
Core High Q Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com