Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFCLR03 Datasheet(PDF) 1 Page - Allied Components International

Part # HFCLR03
Description  High Frequency Low Resistance Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HFCLR03 Datasheet(HTML) 1 Page - Allied Components International

  HFCLR03 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
0.3nH
5, 10
5, 10
5, 10
5, 10
5, 10
5, 10
5, 10
5, 10
0.07
0.09
0.09
0.09
0.10
0.10
0.10
0.12
0.15
0.17
0.18
0.18
0.20
0.20
0.22
0.24
0.24
0.24
0.26
0.26
0.28
0.32
0.36
IDC
Max.
(mA)
Note: Insert desired tolerance here “_” Tolerance Values J= ±5%, K= ±10%
Allied
Part
Number
Inductance
(nh)
Tolerance
(%)
Q
Min.
SRF
(MHz)
RDC
Max.
(
Ω)
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.2
2.7
3.3
3.6
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
12
15
18
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
10000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
5300
4500
4500
4500
4200
3700
3400
3400
3000
2500
2200
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
HFCLR03
High Frequency Low Resistance Inductor
Physical
Packaging: 10000 pieces per 7 inch reel.
HFCLR03-1N0S-RC
HFCLR03-1N1S-RC
HFCLR03-1N2S-RC
HFCLR03-1N3S-RC
HFCLR03-1N5S-RC
HFCLR03-1N6S-RC
HFCLR03-1N8S-RC
HFCLR03-2N2S-RC
HFCLR03-2N7S-RC
HFCLR03-3N3S-RC
HFCLR03-3N6S-RC
HFCLR03-4N7S-RC
HFCLR03-5N1S-RC
HFCLR03-5N6S-RC
HFCLR03-6N2S-RC
HFCLR03-6N8_-RC
HFCLR03-7N5_-RC
HFCLR03-8N2_-RC
HFCLR03-9N1_-RC
HFCLR03-10N_-RC
HFCLR03-12N_-RC
HFCLR03-15N_-RC
HFCLR03-18N_-RC
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
0.039±0.004
(1.0±0.10)
0.020±0.004
(0.51±0.10)
0.016
(0.41)
0.016
(0.41)
0.010±0.004
(0.25±0.10)
0.020±0.004
(0.5±0.10)
@100MHz
Typical
5, 10
5, 10
0.42
0.46
22
27
8
8
1900
1700
300
300
HFCLR03-22N_-RC
HFCLR03-27N_-RC
All specifications subject to change without notice.
Features
• 0402 EIA size for high board density
applications.
• Excellent Q and SRF characteristics
• Cost effective monolithic construction
for high frequency applications.
Electrical
Inductance range: .3nh to 82nh
Tolerance: use S for ± .3nh, J for 5%,
K for 10%
Test Frequency: Inductance and Q
tested at 100MHz, 200mv with HP4291A
Inductance vs Freq. Characteristics
measured on HP4291A
Q vs Frequency Characteristics
measured on HP4291A
SRF measured on HPE4991 & HP87530
DCR measured on Chen Hwa CH502BC
Mechanical
Test Condition: Pre heat:150ºC. 1min.
Solder composition:
Solder temp: 245ºC±5ºC (pb Free)
Immersion time: 4 ± 1 sec.
No damage to part
Pre heat: 150ºC. 1min.
Solder composition:
Sn/Ag3.0/Cu.0.5 (Pb free)
Solder temp: 260ºC±5ºC (pb Free)
Immersion time: 10 ± 1 sec.
Solderability: 90% terminal coverage
Resistance to solder heat:
Sn/Ag3.0/Cu.0.5 (Pb free)
05/20/10
Test Condition
Operating Temperature: -55ºC-125ºC
Storage Temperature: -55ºC to +125ºC
after mounting to PCB, -5ºC to +40ºC @
Impedance Analyzer
or HP4338B
HFCLR03-0N3S-RC
0.3
0.3nH
8
10000
0.05
300
HFCLR03-0N5S-RC
HFCLR03-0N8S-RC
0.5
0.8
0.3nH
0.3nH
8
8
10000
10000
0.06
0.06
300
300
HFCLR03-2N0S-RC
2.0
0.3nH
8
6000
0.10
300
HFCLR03-2N4S-RC
2.4
0.3nH
8
6000
0.15
300
HFCLR03-3N0S-RC
3.0
0.3nH
8
6000
0.17
300
HFCLR03-3N9S-RC
3.9
0.3nH
8
6000
0.18
300
HFCLR03-4N3S-RC
4.3
0.3nH
8
6000
0.18
300
40% to 70% humidity before mounting to PCB
5, 10
5, 10
5, 10
5, 10
0.58
0.65
0.72
0.82
33
39
47
56
8
8
8
8
1600
1200
1000
800
200
200
200
200
HFCLR03-33N_-RC
HFCLR03-39N_-RC
HFCLR03-47N_-RC
HFCLR03-56N_-RC
5, 10
5, 10
0.92
1.20
68
82
8
8
800
700
180
150
HFCLR03-68N_-RC
HFCLR03-82N_-RC


Similar Part No. - HFCLR03

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HFCLR03-0N3S-RC ALLIED-HFCLR03-0N3S-RC Datasheet
377Kb / 1P
High Frequency Low Resistance Inductor
HFCLR03-0N5S-RC ALLIED-HFCLR03-0N5S-RC Datasheet
377Kb / 1P
High Frequency Low Resistance Inductor
HFCLR03-0N8S-RC ALLIED-HFCLR03-0N8S-RC Datasheet
377Kb / 1P
High Frequency Low Resistance Inductor
HFCLR03-10N_-RC ALLIED-HFCLR03-10N_-RC Datasheet
377Kb / 1P
High Frequency Low Resistance Inductor
HFCLR03-12N_-RC ALLIED-HFCLR03-12N_-RC Datasheet
377Kb / 1P
High Frequency Low Resistance Inductor
More results

Similar Description - HFCLR03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
High Frequency Multilayer Chip Inductor
logo
Tyco Electronics
36501E MACOM-36501E Datasheet
142Kb / 9P
Low Inductance, High Frequency Chip Inductor
logo
Allied Components Inter...
HFCLR03-0N3S-RC ALLIED-HFCLR03-0N3S-RC Datasheet
377Kb / 1P
High Frequency Low Resistance Inductor
logo
MPS Industries, Inc.
R7X0402CM MPSIND-R7X0402CM Datasheet
198Kb / 1P
HIGH FREQUENCY CERAMIC CHIP INDUCTOR
logo
Superworld Electronics
L1M-1N0S-10 SUPERWORLD-L1M-1N0S-10 Datasheet
406Kb / 10P
High Frequency Chip Inductor
logo
Tyco Electronics
1624112 MACOM-1624112 Datasheet
60Kb / 1P
LOW INDUCTANCE, HIGH FREQUENCY CHIP INDUCTOR SERIES 3650
logo
Samsung semiconductor
CIH05T1N2SNC SAMSUNG-CIH05T1N2SNC Datasheet
204Kb / 3P
Multilayer High Frequency inductor
logo
List of Unclassifed Man...
FIT50-4 ETC2-FIT50-4 Datasheet
128Kb / 1P
Switchmode/High Frequency Toroidal Inductor
logo
DB Lectro Inc
20D-1A DBLECTRO-20D-1A Datasheet
736Kb / 2P
DC characteristics, high frequency, high insulation resistance, and EMF/Low thermal voltage
logo
Vishay Siliconix
IHLP-1616BZ-0H VISHAY-IHLP-1616BZ-0H Datasheet
203Kb / 4P
High Frequency, Low Profile, High Current IHLP Inductor
26-Sep-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com