Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD05 Datasheet(PDF) 1 Page - Allied Components International

Part # LD05
Description  Ferrite Core Chip Inductors Low Resistance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

LD05 Datasheet(HTML) 1 Page - Allied Components International

  LD05 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LD05 Ferrite Core Chip Inductors Low Resistance
l
Available in tighter tolerances.
Allied
Part
Number
Inductance
(
µh)
IDC
(mA)
SRF
Min.
(MHz)
Tolerance
(%)
DCR
Max.
Test
Freq.
(MHz)
LD05-1R0M-RC
1.0
20
18
7.96
100
0.10
800
LD05-1R5M-RC
1.5
20
18
7.96
90
0.18
650
LD05-2R2M-RC
2.2
20
18
7.96
70
0.24
550
LD05-3R3M-RC
3.3
20
18
7.96
55
0.30
450
LD05-4R7M-RC
4.7
20
18
7.96
50
0.47
360
LD05-6R8M-RC
6.8
20
18
7.96
60
0.75
290
LD05-100M-RC
10
20
18
7.96
25
0.90
290
LD05-150M-RC
15
20
18
7.96
25
1.60
230
LD05-220M-RC
22
20
18
7.96
17
1.95
190
LD05-330M-RC
33
20
18
7.96
15
2.60
120
LD05-470M-RC
47
20
18
7.96
11
3.90
95
LD05-680M-RC
68
20
18
7.96
11
5.50
95
LD05-101M-RC
100
20
18
7.96
9
9.00
70
Q
Typ.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
± 30%
(Ω)
Dimensions:
Inches
(mm)
Features
• Miniture SMD 0805 wire wound
• Wide inductance range
• Low DC resistance
Electrical
Inductance Range:
Tolerance: 20% over entire range also
Operating Temp: -25ºC ~ +85ºC
IDC: Inductance drop 10% from its
value without current.
Physical
Packaging: 2000 pieces per 7 inch reel.
1µh ~ 100µh
Resistance to Soldering Heat
Solder Composition:
Solder Temp: 260ºC ± 5ºC for 10 sec.
Pre-Heat 150ºC, 1 minute.
Sn/Ag3.0/Cu0.5
Test Equipment
(L/Q):
(RDC): Chen Hwa 502BC
(IDC): HP4284A + HP42841A / HP4285A +
Marking: None
HP4286A/HP4287A/Agilent E4991A
available in tighter tolerances
(SRF): HP8753D / Agilent E4991
L/Q: Test OSC @ 200mV
HP42841A
REVISED 12/11/08


Similar Part No. - LD05

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LD05 AVX-LD05 Datasheet
55Kb / 2P
Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
logo
Allied Components Inter...
LD05-100M-RC ALLIED-LD05-100M-RC Datasheet
446Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LD05-101M-RC ALLIED-LD05-101M-RC Datasheet
446Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LD05-150M-RC ALLIED-LD05-150M-RC Datasheet
446Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LD05-1R0M-RC ALLIED-LD05-1R0M-RC Datasheet
446Kb / 1P
Ferrite Core Chip Inductors Low Resistance
More results

Similar Description - LD05

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
FC10-R005K-RC ALLIED-FC10-R005K-RC Datasheet
381Kb / 1P
Ferrite Core Chip Inductors
LD05-1R0M-RC ALLIED-LD05-1R0M-RC Datasheet
446Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LS03-47NJ-RC ALLIED-LS03-47NJ-RC Datasheet
361Kb / 1P
Ferrite Core Chip Inductors
LS05-78NJ-RC ALLIED-LS05-78NJ-RC Datasheet
387Kb / 1P
Ferrite Core Chip Inductors
LT05-R12K-RC ALLIED-LT05-R12K-RC Datasheet
506Kb / 1P
Ferrite Core Chip Inductors Low Profile
LT20-1R0K-RC ALLIED-LT20-1R0K-RC Datasheet
440Kb / 1P
Ferrite Core Chip Inductors Low Profile
LT05 ALLIED-LT05 Datasheet
506Kb / 1P
Ferrite Core Chip Inductors Low Profile
LT20 ALLIED-LT20 Datasheet
441Kb / 1P
Ferrite Core Chip Inductors Low Profile
LS05 ALLIED-LS05 Datasheet
388Kb / 1P
Ferrite Core Chip Inductors
LS10 ALLIED-LS10 Datasheet
318Kb / 1P
Ferrite Core Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com