Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC10-R33K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # FC10-R33K-RC
Description  Ferrite Core Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

FC10-R33K-RC Datasheet(HTML) 1 Page - Allied Components International

  FC10-R33K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FC10 Ferrite Core Chip Inductors
Features
• Excellent solderability and resistance to
soldering heat
• Suitable for flow and reflow soldering
• High reliabilty and easy surface mount
assembly
• Wide inductance value range
Electrical
Inductance Range: .005
µh to 100µh.
Tolerance: For 10% use K and 5% use
J as part number suffix.
Operating Temp. Range: i-25
° to +85°C.l
Test Equipment: Inductance, Q and DCR,
tested on an HP4286A. SRF tested on an
HP8753D and HP4286A.After soldering,
push l0 to 2000) x 10 -6
°C.
Physical
Marking: Color Code using standard EIA
three dot system.
Packaging: 2000 pieces per 7 inch reel.
Available in tighter tolerances.
Allied
Part
Number
Inductance
(
µh)
Rated
Current
(mA)
SRF
Min.
(MHz)
Tolerance
(%)
DCR
Max.
(
Ω)
Test
Freq.
(MHz)
FC10-R005K-RC
.005
10
10
100
3000
0.25
2000
FC10-R010K-RC
.010
10
10
100
2500
0.25
1800
FC10-R012K-RC
.012
10
15
100
2400
0.26
1700
FC10-R015K-RC
.015
10
15
100
2300
0.28
1600
FC10-R018K-RC
.018
10
15
100
2200
0.30
1550
FC10-R022K-RC
.022
10
20
100
2100
0.35
1500
FC10-R027K-RC
.027
10
20
100
2000
0.40
1450
FC10-R033K-RC
.033
10
30
100
1600
0.42
1400
FC10-R039K-RC
.039
10
35
100
1500
0.45
1350
FC10-R047K-RC
.047
10
35
100
1400
0.50
1300
FC10-R056K-RC
.056
10
35
100
1300
0.60
1250
FC10-R068K-RC
.068
10
35
100
1200
0.65
1240
FC10-R082K-RC
.082
10
35
100
1100
0.75
1230
FC10-R10K-RC
.10
10
35
100
800
0.80
1220
FC10-R12K-RC
.12
10
30
25.2
700
0.30
900
FC10-R15K-RC
.15
10
30
25.2
550
0.35
900
FC10-R18K-RC
.18
10
30
25.2
500
0.40
850
FC10-R22K-RC
.22
10
30
25.2
450
0.50
840
FC10-R27K-RC
.27
10
30
25.2
425
0.55
830
FC10-R33K-RC
.33
10
30
25.2
400
0.60
820
FC10-R39K-RC
.39
10
30
25.2
375
0.65
810
FC10-R47K-RC
.47
10
30
25.2
350
0.68
800
FC10-R56K-RC
.56
10
30
25.2
325
0.75
800
FC10-R68K-RC
.68
10
30
25.2
300
0.85
800
FC10-R82K-RC
.82
10
30
25.2
260
1.00
800
FC10-1R0K-RC
1.0
10
25
7.96
245
1.10
800
FC10-1R2K-RC
1.2
10
25
7.96
230
1.20
790
FC10-1R5K-RC
1.5
10
25
7.96
182
1.30
750
FC10-1R8K-RC
1.8
10
25
7.96
135
1.45
750
FC10-2R2K-RC
2.2
10
25
7.96
105
1.55
750
FC10-2R7K-RC
2.7
10
25
7.96
70
1.70
740
FC10-3R3K-RC
3.3
10
25
7.96
55
1.90
730
FC10-3R9K-RC
3.9
10
25
7.96
48
2.10
700
FC10-4R7K-RC
4.7
10
25
7.96
43
2.30
650
FC10-5R6K-RC
5.6
10
20
7.96
42
2.50
640
FC10-6R8K-RC
6.8
10
20
7.96
39
2.70
630
FC10-8R2K-RC
8.2
10
20
7.96
36
3.05
600
FC10-100K-RC
10
10
15
2.52
33
3.50
600
FC10-120K-RC
12
10
15
2.52
30
3.80
550
FC10-150K-RC
15
10
15
2.52
26
4.40
430
FC10-180K-RC
18
10
15
2.52
24
4.80
400
FC10-220K-RC
22
10
15
2.52
22
5.50
400
FC10-270K-RC
27
10
15
2.52
21
6.30
360
FC10-330K-RC
33
10
15
2.52
20
7.10
350
FC10-390K-RC
39
10
10
2.52
18
9.50
330
FC10-470K-RC
47
10
10
2.52
17
11.1
300
FC10-560K-RC
56
10
10
2.52
16
12.1
270
FC10-680K-RC
68
10
10
2.52
15
16.6
250
FC10-820K-RC
82
10
10
2.52
13
19.0
200
FC10-101K-RC
100
10
8
.796
12
21.0
120
Q
Min.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.115
(2.92)
MAX.
0.110
(2.79)
MAX.
0.083
(2.11)
MAX.
0.020±0.004
(0.51±0.10)
0.100
(2.54)
0.050
(1.27)
0.040
(1.02)
0.015±0.004
(0.38±0.10)
0.080±0.004
(2.03±0.10)
Dimensions:
Inches
(mm)
All specifications subject to change without notice.
REVISED 10/17/08


Similar Part No. - FC10-R33K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
FC10-R33K-RC ALLIED-FC10-R33K-RC Datasheet
381Kb / 1P
Ferrite Core Chip Inductors
More results

Similar Description - FC10-R33K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
FC05-R12K-RC ALLIED-FC05-R12K-RC Datasheet
1Mb / 1P
Ferrite Core Chip Inductors
FC10-R005K-RC ALLIED-FC10-R005K-RC Datasheet
381Kb / 1P
Ferrite Core Chip Inductors
LS03-47NJ-RC ALLIED-LS03-47NJ-RC Datasheet
361Kb / 1P
Ferrite Core Chip Inductors
LS05-78NJ-RC ALLIED-LS05-78NJ-RC Datasheet
387Kb / 1P
Ferrite Core Chip Inductors
LS10-1R2J-RC ALLIED-LS10-1R2J-RC Datasheet
317Kb / 1P
Ferrite Core Chip Inductors
FC05 ALLIED-FC05 Datasheet
1Mb / 1P
Ferrite Core Chip Inductors
LD05 ALLIED-LD05 Datasheet
447Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LS03 ALLIED-LS03 Datasheet
361Kb / 1P
Ferrite Core Chip Inductors
LS05 ALLIED-LS05 Datasheet
388Kb / 1P
Ferrite Core Chip Inductors
LS10 ALLIED-LS10 Datasheet
318Kb / 1P
Ferrite Core Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com