Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT05-R18K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # LT05-R18K-RC
Description  Ferrite Core Chip Inductors Low Profile
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

LT05-R18K-RC Datasheet(HTML) 1 Page - Allied Components International

  LT05-R18K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LT05 Ferrite Core Chip Inductors Low Profile
Allied
Part
Number
Inductance
(
µh)
IDC
(mA)
SRF
Min.
(MHz)
Tolerance
(%)
DCR
Max.
(
Ω)
L,QTest
Freq.
(MHz)
LT05-R12K-RC
.12
10
22
25.2
1500
0.33
1200
LT05-R15K-RC
.15
10
22
25.2
1100
0.33
1200
LT05-R18K-RC
.18
10
22
25.2
1100
0.36
1100
LT05-R22K-RC
.22
10
22
25.2
1100
0.39
1100
LT05-R27K-RC
.27
10
22
25.2
950
0.43
1050
LT05-R33K-RC
.33
10
22
25.2
650
0.46
900
LT05-R39K-RC
.39
10
22
25.2
640
0.48
850
LT05-R47K-RC
.47
10
22
25.2
570
0.65
800
LT05-R56K-RC
.56
10
22
25.2
540
0.67
770
LT05-R68K-RC
.68
10
22
25.2
500
0.73
750
LT05-R82K-RC
.82
10
22
25.2
480
0.85
730
LT05-1R0K-RC
1.0
10
15
7.96
470
0.87
720
LT05-1R2K-RC
1.2
10
15
7.96
450
0.97
690
LT05-1R5K-RC
1.5
10
15
7.96
400
1.10
670
LT05-1R8K-RC
1.8
10
15
7.96
340
1.15
650
LT05-2R2K-RC
2.2
10
15
7.96
265
1.28
630
LT05-2R7K-RC
2.7
10
15
7.96
235
1.40
620
LT05-3R3K-RC
3.3
10
15
7.96
190
1.62
580
LT05-3R9K-RC
3.9
10
15
7.96
180
1.75
570
LT05-4R7K-RC
4.7
10
15
7.96
160
1.95
550
LT05-5R6K-RC
5.6
10
15
7.96
120
2.14
540
LT05-6R8K-RC
6.8
10
15
7.96
45
2.28
520
LT05-8R2K-RC
8.2
10
15
7.96
42
2.55
500
LT05-100K-RC
10
10
10
2.52
38
2.70
450
LT05-120K-RC
12
10
10
2.52
33
4.20
400
LT05-150K-RC
15
10
10
2.52
30
4.80
380
LT05-180K-RC
18
10
10
2.52
25
5.74
300
LT05-220K-RC
22
10
10
2.52
23
7.75
260
LT05-270K-RC
27
10
10
2.52
21
10.0
230
LT05-330K-RC
33
10
10
2.52
16
13.5
200
LT05-390K-RC
39
10
10
2.52
15
16.0
190
Q
Min.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
Dimensions:
Inches
(mm)
l
Features
• Low Profile only 1.05mm Tall
• Exceptional Q values
• Wide inductance range
Electrical
Inductance Range:
Tolerance:
10% over entire range also
Operating Temp: -25ºC ~ +85ºC
IDC: Inductance drop 10% from its
value without current.
Physical
Packaging: 2000 pieces per 7 inch reel.
0.12µh ~ 39µh
Resistance to Soldering Heat
Solder Composition:
Solder Temp: 245ºC for ± 1 sec.
Pre-Heat 150ºC, 1 minute.
Sn/Ag3.0/Cu0.5
Test Equipment
(L/Q):
(RDC): Chen Hwa 502BC
(IDC): HP4284A + HP42841A / HP4285A +
Marking: None
HP4286A/HP4287A/Agilent E4991A
available in tighter tolerances
(SRF):
HP8753D / Agilent E4991
L/Q: Test OSC @ 200mV
HP42841A
REVISED 3/19/09
• SMD wire wound Ferrite Core


Similar Part No. - LT05-R18K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LT05-R18K-RC ALLIED-LT05-R18K-RC Datasheet
506Kb / 1P
Ferrite Core Chip Inductors Low Profile
More results

Similar Description - LT05-R18K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
FC10-R005K-RC ALLIED-FC10-R005K-RC Datasheet
381Kb / 1P
Ferrite Core Chip Inductors
LD05-1R0M-RC ALLIED-LD05-1R0M-RC Datasheet
446Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LS03-47NJ-RC ALLIED-LS03-47NJ-RC Datasheet
361Kb / 1P
Ferrite Core Chip Inductors
LS05-78NJ-RC ALLIED-LS05-78NJ-RC Datasheet
387Kb / 1P
Ferrite Core Chip Inductors
LT05-R12K-RC ALLIED-LT05-R12K-RC Datasheet
506Kb / 1P
Ferrite Core Chip Inductors Low Profile
LT20-1R0K-RC ALLIED-LT20-1R0K-RC Datasheet
440Kb / 1P
Ferrite Core Chip Inductors Low Profile
LD05 ALLIED-LD05 Datasheet
447Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LT20 ALLIED-LT20 Datasheet
441Kb / 1P
Ferrite Core Chip Inductors Low Profile
LS05 ALLIED-LS05 Datasheet
388Kb / 1P
Ferrite Core Chip Inductors
LS10 ALLIED-LS10 Datasheet
318Kb / 1P
Ferrite Core Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com