Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC20A-R022K-RC Datasheet(PDF) 2 Page - Allied Components International

Part # MC20A-R022K-RC
Description  Molded Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MC20A-R022K-RC Datasheet(HTML) 2 Page - Allied Components International

  MC20A-R022K-RC Datasheet HTML 1Page - Allied Components International MC20A-R022K-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Molded Chip Inductors
MC20A
MC20A-1R0K-RC
1.0
10
30
7.96
120
0.70
400
MC20A-1R2K-RC
1.2
10
30
7.96
100
0.75
390
MC20A-1R5K-RC
1.5
10
30
7.96
85
0.85
370
MC20A-1R8K-RC
1.8
10
30
7.96
80
0.90
350
MC20A-2R2K-RC
2.2
10
30
7.96
75
1.00
320
MC20A-2R7K-RC
2.7
10
30
7.96
70
1.10
290
MC20A-3R3K-RC
3.3
10
30
7.96
60
1.20
260
MC20A-3R9K-RC
3.9
10
30
7.96
55
1.30
250
MC20A-4R7K-RC
4.7
10
30
7.96
50
1.50
220
MC20A-5R6K-RC
5.6
10
30
7.96
45
1.60
200
MC20A-6R8K-RC
6.8
10
30
7.96
40
1.80
180
MC20A-8R2K-RC
8.2
10
30
7.96
35
2.00
170
MC20A-100K-RC
10
10
30
2.52
30
2.10
150
MC20A-120K-RC
12
10
30
2.52
20
2.50
140
MC20A-150K-RC
15
10
30
2.52
20
2.80
130
MC20A-180K-RC
18
10
30
2.52
20
3.30
120
MC20A-220K-RC
22
10
30
2.52
20
3.70
100
MC20A-270K-RC
27
10
30
2.52
20
5.00
80
MC20A-330K-RC
33
10
30
2.52
17
5.60
70
MC20A-390K-RC
39
10
30
2.52
16
6.40
65
MC20A-470K-RC
47
10
30
2.52
15
7.00
60
MC20A-560K-RC
56
10
30
2.52
13
8.00
55
MC20A-680K-RC
68
10
30
2.52
12
9.00
50
MC20A-820K-RC
82
10
30
2.52
11
10.0
45
MC20A-101K-RC
100
10
20
.796
10
10.0
40
MC20A-121K-RC
120
10
20
.796
10
11.0
70
MC20A-151K-RC
150
10
20
.796
8
15.0
65
MC20A-181K-RC
180
10
20
.796
7
17.0
60
MC20A-221K-RC
220
10
20
.796
7
21.0
50
MC20A-271K-RC
270
10
20
.796
6
28.0
45
MC20A-331K-RC
330
10
20
.796
5
34.0
40
Available in tighter tolerances.
Allied
Part
Number
IDC
(mA)
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
Dimensions:
Inches
(mm)
Features
• 1210 Molded Chip Inductor
• Welded internal lead frame to coil
• Excellent Solder Heat Resistance
Electrical
Inductance Range: .01µh ~ 330µh
Tolerance: 10% over entire range
Test Frequency:
.01µh ~ .1µh measured at 100Mhz,
Operating Temp: -25ºC ~ +85ºC @ 75% RH
IDC: The current at which inductance will drop no
more then 10% of it’s orginial value at 1Mhz, 1v.
Resistance to Soldering Heat
Pre-heating: 150ºC, 1min
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temperature: 245 ± 5ºC
Test Equipment
(L/Q): .01µh~82µh HP4287A + HP16034E
(L/Q): 100µh~470µh HP4292A + HP16034E
(RDC): Chen Hwa 502
(SRF): HP4291A
Physical
Packaging: 2000 pieces per 7 inch reel.
Marking: EIA Inductance Code.
Test OCS @ 200mv
L/Q:
Also available in 5% & 20%
wire connection
Immersion Time: 4 ± 1sec
.12µh ~ .82µh measured at 25.2Mhz,
1µh ~ 8.2µh measured at 7.96Mhz,
10µh ~ 82µh measured at 2.52Mhz,
100µh ~ 330µh measured at .796Mhz,
(IDC): HP4284A + HP42841A/WK3260B
REVISED 02/23/12
PAGE 2 OF 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com