Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC50-R56M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MC50-R56M-RC
Description  Molded Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MC50-R56M-RC Datasheet(HTML) 1 Page - Allied Components International

  MC50-R56M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MC50
Molded Chip Inductors
MC50-R22M-RC
.22
20
40
25.2
380
0.32
1150
MC50-R27M-RC
.27
20
40
25.2
360
0.36
450
MC50-R33M-RC
.33
20
40
25.2
300
0.40
450
MC50-R39M-RC
.39
20
40
25.2
250
0.45
450
MC50-R47M-RC
.47
20
40
25.2
220
0.50
450
MC50-R56M-RC
.56
20
40
25.2
180
0.55
450
MC50-R68M-RC
.68
20
40
25.2
160
0.60
450
MC50-R82M-RC
.82
20
40
25.2
140
0.67
450
MC50-1R0K-RC
1.0
10
40
25.2
100
0.50
450
MC50-1R2K-RC
1.2
10
40
7.96
80
0.55
430
MC50-1R5K-RC
1.5
10
45
7.96
70
0.60
410
MC50-1R8K-RC
1.8
10
50
7.96
60
0.65
390
MC50-2R2K-RC
2.2
10
50
7.96
55
0.70
380
MC50-2R7K-RC
2.7
10
50
7.96
50
0.75
370
MC50-3R3K-RC
3.3
10
50
7.96
45
0.80
355
MC50-3R9K-RC
3.9
10
45
7.96
40
0.90
330
MC50-4R7K-RC
4.7
10
45
7.96
35
1.00
315
MC50-5R6K-RC
5.6
10
45
7.96
33
1.10
300
MC50-6R8K-RC
6.8
10
40
7.96
27
1.20
285
MC50-8R2K-RC
8.2
10
40
7.96
25
1.40
270
MC50-100K-RC
10
10
40
7.96
20
1.60
250
MC50-120K-RC
12
10
45
2.52
18
2.00
225
MC50-150K-RC
15
10
50
2.52
17
2.50
200
MC50-180K-RC
18
10
50
2.52
15
2.80
190
MC50-220K-RC
22
10
50
2.52
13
3.20
180
MC50-270K-RC
27
10
50
2.52
12
3.60
170
MC50-330K-RC
33
10
50
2.52
11
4.00
160
MC50-390K-RC
39
10
50
2.52
10
4.50
150
MC50-470K-RC
47
10
50
2.52
10
5.00
140
MC50-560K-RC
56
10
50
2.52
9.0
5.50
135
MC50-680K-RC
68
10
50
2.52
9.0
6.00
130
MC50-820K-RC
82
10
50
2.52
8.0
7.00
120
MC50-101K-RC
100
10
50
2.52
8.0
8.00
110
MC50-121K-RC
120
10
50
.796
6.0
8.00
110
MC50-151K-RC
150
10
50
.796
5.0
9.00
105
MC50-181K-RC
180
10
50
.796
5.0
9.50
102
MC50-221K-RC
220
10
50
.796
4.0
12.0
100
MC50-271K-RC
270
10
50
.796
4.0
18.0
92
MC50-331K-RC
330
10
50
.796
3.5
20.0
85
MC50-391K-RC
390
10
50
.796
3.0
23.0
80
MC50-471K-RC
470
10
50
.796
3.0
26.0
62
MC50-561K-RC
560
10
50
.796
3.0
30.0
50
MC50-681K-RC
680
10
50
.796
3.0
40.0
50
MC50-821K-RC
820
10
50
.796
2.5
45.0
30
MC50-102K-RC
1000
10
50
.796
2.5
50.0
30
DCR
Max.
(
Ω)
IDC
(mA)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
All specifications subject to change without notice.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.248±0.012
(6.3±0.30)
0.125±0.012
(3.2±0.30)
0.047
(1.2)
0.125±0.012
(3.20±0.30)
0.052
(1.30)
0.098
(2.50)
0.059
(1.50)
0.197
(5.00)
Dimensions:
Inches
(mm)
Available in tighter tolerances.
Test Equipment
(L/Q): HP4285A + HP16034E
(RDC): Chen Hwa 502
Features
• 2512 Molded Chip Inductor
• Terminals have high resistance to
• Excellent Solder Heat Resistance
Electrical
Inductance Range: .22µh ~ 1000µh
Tolerance: 20% from .22µh ~ .82µh
Test Frequency:
.22µh ~ .1.0µh measured at 25.2Mhz,
Operating Temp: -20ºC ~ +85ºC @ 75% RH
IDC: The current at which inductance will drop no
more then 10% of it’s orginial value or a
Also available in 5% & 20%
pull forces
1.2µh ~ 10µh measured at 7.96Mhz,
12µh ~ 100µh measured at 2.52Mhz,
120µh ~ 1000µh measured at .796Mhz,
10% from 1.0µh ~ 1000µh
temperature rise of
∆ T=20ºC whichever occurs first.
Physical
Packaging: 2000 pieces per, 13” reel
Marking: EIA Inductance code
(SRF): HP4291B
REVISED 11/10/10


Similar Part No. - MC50-R56M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MC50-R56M-RC ALLIED-MC50-R56M-RC Datasheet
413Kb / 1P
Molded Chip Inductors
More results

Similar Description - MC50-R56M-RC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
Molded Chip Wirewound Inductors
logo
Allied Components Inter...
MC20A-R012M-RC ALLIED-MC20A-R012M-RC Datasheet
646Kb / 2P
Molded Chip Inductors
MC30A-100K-RC ALLIED-MC30A-100K-RC Datasheet
370Kb / 1P
Molded Chip Inductors
MC20-R010K-RC ALLIED-MC20-R010K-RC Datasheet
391Kb / 1P
Molded Chip Inductors
MC30-R10K-RC ALLIED-MC30-R10K-RC Datasheet
393Kb / 1P
Molded Chip Inductors
MC50-R22M-RC ALLIED-MC50-R22M-RC Datasheet
413Kb / 1P
Molded Chip Inductors
MC20A ALLIED-MC20A Datasheet
649Kb / 2P
Molded Chip Inductors
MC30 ALLIED-MC30 Datasheet
393Kb / 1P
Molded Chip Inductors
MC30A ALLIED-MC30A Datasheet
2Mb / 1P
Molded Chip Inductors
MC20 ALLIED-MC20 Datasheet
458Kb / 1P
Molded Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com