Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC20A-R27K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MC20A-R27K-RC
Description  Molded Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MC20A-R27K-RC Datasheet(HTML) 1 Page - Allied Components International

  MC20A-R27K-RC Datasheet HTML 1Page - Allied Components International MC20A-R27K-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Molded Chip Inductors
MC20A
MC20A-R010K-RC
.010
10
15
100
2500
0.13
450
MC20A-R012K-RC
.012
10
17
100
2300
0.14
450
MC20A-R015K-RC
.015
10
19
100
2100
0.16
450
MC20A-R018K-RC
.018
10
21
100
1900
0.18
450
MC20A-R022K-RC
.022
10
23
100
1700
0.20
450
MC20A-R027K-RC
.027
10
23
100
1500
0.22
450
MC20A-R033K-RC
.033
10
25
100
1400
0.24
450
MC20A-R039K-RC
.039
10
25
100
1300
0.27
450
MC20A-R047K-RC
.047
10
26
100
1200
0.30
450
MC20A-R056K-RC
.056
10
26
100
1100
0.33
450
MC20A-R068K-RC
.068
10
27
100
1000
0.36
450
MC20A-R082K-RC
.082
10
27
100
900
0.40
450
MC20A-R10K-RC
.10
10
28
100
700
0.44
450
MC20A-R12K-RC
.12
10
30
25.2
500
0.22
450
MC20A-R15K-RC
.15
10
30
25.2
450
0.25
450
MC20A-R18K-RC
.18
10
30
25.2
400
0.28
450
MC20A-R22K-RC
.22
10
30
25.2
350
0.32
450
MC20A-R27K-RC
.27
10
30
25.2
320
0.36
450
MC20A-R33K-RC
.33
10
30
25.2
300
0.40
450
MC20A-R39K-RC
.39
10
30
25.2
250
0.45
450
MC20A-R47K-RC
.47
10
30
25.2
220
0.50
450
MC20A-R56K-RC
.56
10
30
25.2
180
0.55
450
MC20A-R68K-RC
.68
10
30
25.2
160
0.60
450
MC20A-R82K-RC
.82
10
30
25.2
140
0.65
450
Available in tighter tolerances.
Allied
Part
Number
IDC
(mA)
Inductance
(
µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
Dimensions:
Inches
(mm)
Features
• 1210 Molded Chip Inductor
• Welded internal lead frame to coil
• Excellent Solder Heat Resistance
Electrical
Inductance Range: .01µh ~ 330µh
Tolerance: 10% over entire range
Test Frequency:
.01µh ~ .1µh measured at 100Mhz,
Operating Temp: -25ºC ~ +85ºC @ 75% RH
IDC: The current at which inductance will drop no
more then 10% of it’s orginial value at 1Mhz, 1v.
Resistance to Soldering Heat
Pre-heating: 150ºC, 1min
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temperature: 245 ± 5ºC
Test Equipment
(L/Q):
.01µh~82µh HP4287A + HP16034E
(L/Q):
100µh~470µh HP4292A + HP16034E
(RDC): Chen Hwa 502
(SRF): HP4291A
Physical
Packaging: 2000 pieces per 7 inch reel.
Marking:
EIA Inductance Code.
Test OCS @ 200mv
L/Q:
Also available in 5% & 20%
wire connection
Immersion Time: 4 ± 1sec
.12µh ~ .82µh measured at 25.2Mhz,
1µh ~ 8.2µh measured at 7.96Mhz,
10µh ~ 82µh measured at 2.52Mhz,
100µh ~ 330µh measured at .796Mhz,
(IDC):
HP4284A + HP42841A/WK3260B
REVISED 02/23/12
Additional values continued on page 2
PAGE 1 OF 2


Similar Part No. - MC20A-R27K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MC20A-R27M-RC ALLIED-MC20A-R27M-RC Datasheet
646Kb / 2P
Molded Chip Inductors
More results

Similar Description - MC20A-R27K-RC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
Molded Chip Wirewound Inductors
logo
Allied Components Inter...
MC20A-R012M-RC ALLIED-MC20A-R012M-RC Datasheet
646Kb / 2P
Molded Chip Inductors
MC30A-100K-RC ALLIED-MC30A-100K-RC Datasheet
370Kb / 1P
Molded Chip Inductors
MC20-R010K-RC ALLIED-MC20-R010K-RC Datasheet
391Kb / 1P
Molded Chip Inductors
MC30-R10K-RC ALLIED-MC30-R10K-RC Datasheet
393Kb / 1P
Molded Chip Inductors
MC50-R22M-RC ALLIED-MC50-R22M-RC Datasheet
413Kb / 1P
Molded Chip Inductors
MC30 ALLIED-MC30 Datasheet
393Kb / 1P
Molded Chip Inductors
MC30A ALLIED-MC30A Datasheet
2Mb / 1P
Molded Chip Inductors
MC50 ALLIED-MC50 Datasheet
413Kb / 1P
Molded Chip Inductors
MC20 ALLIED-MC20 Datasheet
458Kb / 1P
Molded Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com