Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC30A-R39K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MC30A-R39K-RC
Description  Molded Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MC30A-R39K-RC Datasheet(HTML) 1 Page - Allied Components International

  MC30A-R39K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Molded Chip Inductors
MC30A
Available in tighter tolerances
SRF
Min.
(MHz)
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
Features
• 1812 Molded Chip Inductor
• Welded internal lead frame to coil
• Excellent Solder Heat Resistance
Electrical
Inductance Range:
0.1µh ~ 1000µh
Tolerance:
10% over entire range
Test Frequency:
10µh ~ 82µh measured at
Operating Temp:
-40ºC ~ +105ºC @ 75% RH
IDC:
The current at which inductance will drop no
more then 10% of it’s orginial value at 1MHz, 1v
Resistance to Soldering Heat
Pre-heating: 150ºC, 1min
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temperature: 245 ± 5ºC
Test Equipment
(L/Q):
.01µh~82µh HP4287A + HP16034E
(L/Q):
100µh~470µh HP4292A + HP16034E
(RDC):
HP4284A + HP42841A/WK3260B
(SRF):
HP4291A
Physical
Packaging:
500 pieces per 7 inch reel.
Marking:
EIA Inductance Code.
Test OCS @ 200mv
L/Q:
Also available in 5% & 20%
wire connection
Immersion Time: 4 ± 1sec
2.52MHz, 100µh ~ 820µh measured at .796MHz
REVISED 10/20/2014
Dimensions:
Inches
(mm)
Allied
Part
Number
IDC
(mA)
Inductance
(
µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
MC30A-100K-RC
10
10
50
2.52
20
1.5
250
MC30A-120K-RC
12
10
50
2.52
18
MC30A-150K-RC
15
10
50
2.52
17
2.5
200
MC30A-180K-RC
18
10
50
2.52
15
2.8
190
MC30A-220K-RC
22
10
50
2.52
13
3.2
180
MC30A-270K-RC
27
10
50
2.52
12
3.6
170
MC30A-330K-RC
33
10
50
2.52
11
4
160
MC30A-390K-RC
39
10
50
2.52
10
4.
5
150
MC30A-470K-RC
4
7
10
50
2.52
10
5
140
MC30A-560K-RC
56
10
50
2.52
9
5.5
135
MC30A-680K-RC
68
10
50
2.52
9
6
130
MC30A-820K-RC
82
10
50
2.52
8
7
120
MC30A-101K-RC
100
10
40
.796
8
8
110
MC30A-121K-RC
120
10
40
.796
6
8
110
MC30A-151K-RC
150
10
40
.796
5
9
105
MC30A-181K-RC
180
10
40
.796
5
9.5
105
MC30A-221K-RC
220
10
40
.796
4
10
100
MC30A-271K-RC
270
10
40
.796
4
12
92
MC30A-331K-RC
330
10
40
.796
3.5
14
85
MC30A-391K-RC
390
10
40
.796
3
16
80
MC30A-471K-RC
470
10
40
.796
3
26
62
MC30A-561K-RC
560
10
40
.796
3
30
50
MC30A-681K-RC
680
10
40
.796
3
30
50
MC30A-821K-RC
820
10
40
.796
2.5
35
30
MC30A-102K-RC
1000
10
40
.252
2.5
40
30
MC30A-R10K-RC
0.10
10
35
25.2
300
.18
800
MC30A-R12K-RC
0.12
10
35
25.2
280
.20
770
MC30A-R15K-RC
0.15
10
35
25.2
250
.22
730
MC30A-R18K-RC
0.18
10
35
25.2
220
.24
700
MC30A-R22K-RC
0.22
10
40
25.2
200
.25
665
MC30A-R27K-RC
0.27
10
40
25.2
180
.26
635
MC30A-R33K-RC
0.33
10
40
25.2
165
.28
605
MC30A-R39K-RC
0.39
10
40
25.2
150
.30
575
MC30A-R47K-RC
0.47
10
40
25.2
145
.32
545
MC30A-R56K-RC
0.56
10
40
25.2
140
.36
520
MC30A-R68K-RC
0.68
10
40
25.2
135
.40
500
MC30A-R82K-RC
0.82
10
40
25.2
130
.45
475
MC30A-1R0K-RC
1.0
10
50
7.96
100
.50
450
MC30A-1R2K-RC
1.2
10
50
7.96
80
.55
430
MC30A-1R5K-RC
1.5
10
50
7.96
70
.60
410
MC30A-1R8K-RC
1.8
10
50
7.96
60
.65
390
MC30A-2R2K-RC
2.2
10
50
7.96
55
.70
380
MC30A-2R7K-RC
2.7
10
50
7.96
50
.75
370
MC30A-3R3K-RC
3.3
10
50
7.96
45
.80
355
MC30A-3R9K-RC
3.9
10
50
7.96
40
.90
330
MC30A-4R7K-RC
4.7
10
50
7.96
35
1.0
315
MC30A-5R6K-RC
5.6
10
50
7.96
33
1.1
300
MC30A-6R8K-RC
6.8
10
50
7.96
27
1.2
285
MC30A-8R2K-RC
8.2
10
50
7.96
23
1.4
270
1.4
225


Similar Part No. - MC30A-R39K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MC30A-100K-RC ALLIED-MC30A-100K-RC Datasheet
370Kb / 1P
Molded Chip Inductors
MC30A-101K-RC ALLIED-MC30A-101K-RC Datasheet
370Kb / 1P
Molded Chip Inductors
MC30A-120K-RC ALLIED-MC30A-120K-RC Datasheet
370Kb / 1P
Molded Chip Inductors
MC30A-121K-RC ALLIED-MC30A-121K-RC Datasheet
370Kb / 1P
Molded Chip Inductors
MC30A-150K-RC ALLIED-MC30A-150K-RC Datasheet
370Kb / 1P
Molded Chip Inductors
More results

Similar Description - MC30A-R39K-RC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
Molded Chip Wirewound Inductors
logo
Allied Components Inter...
MC20A-R012M-RC ALLIED-MC20A-R012M-RC Datasheet
646Kb / 2P
Molded Chip Inductors
MC30A-100K-RC ALLIED-MC30A-100K-RC Datasheet
370Kb / 1P
Molded Chip Inductors
MC20-R010K-RC ALLIED-MC20-R010K-RC Datasheet
391Kb / 1P
Molded Chip Inductors
MC30-R10K-RC ALLIED-MC30-R10K-RC Datasheet
393Kb / 1P
Molded Chip Inductors
MC50-R22M-RC ALLIED-MC50-R22M-RC Datasheet
413Kb / 1P
Molded Chip Inductors
MC20A ALLIED-MC20A Datasheet
649Kb / 2P
Molded Chip Inductors
MC30 ALLIED-MC30 Datasheet
393Kb / 1P
Molded Chip Inductors
MC50 ALLIED-MC50 Datasheet
413Kb / 1P
Molded Chip Inductors
MC20 ALLIED-MC20 Datasheet
458Kb / 1P
Molded Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com