Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLB05 Datasheet(PDF) 1 Page - Allied Components International

Part # MLB05
Description  Multilayer Ferrite Bead s
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLB05 Datasheet(HTML) 1 Page - Allied Components International

  MLB05 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multilayer Ferrite Beads
MLB05
All specifications subject to change without notice.
MLB05-110-RC
MLB05-300-RC
MLB05-600-RC
MLB05-800-RC
MLB05-121-RC
11
30
60
80
120
0.05
0.10
0.10
0.15
0.25
500
400
400
400
400
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
0.063±0.006
(1.60±0.15)
0.031±0.006
(0.8±0.15)
0.012±0.008
(0.3±0.20)
0.031±0.006
(0.8±0.15)
0.024
(0.6)
0.041
(1.04)
0.031
(0.8)
Allied
Part
Number
Impedance (
Ω)
@ 100 MHz
+/- 25%
DC
Resistance
(
Ω) Max.
*Rated
Current
(mA)
RoHS
Dimensions:
Inches
(mm)
MLB05-221-RC
MLB05-301-RC
220
300
0.30
0.40
200
200
MLB05-471-RC
MLB05-601-RC
MLB05-751-RC
470
600
750
0.50
0.50
0.70
200
200
200
MLB05-102-RC
MLB05-122-RC
MLB05-152-RC
1000
1200
1500
0.70
1.00
1.00
200
50
50
MLB05-222-RC
MLB05-272-RC
2200
2700
1.20
1.30
50
50
*Temperature rise
T= 30ºC at rated current.
∆
Electrical
Impedance Range:
11Ω to 2700Ω
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Packaging: 4000 per 7 inch reel.
Marking: None
(Z): HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Range: -55ºC ~ +125ºC
Rated Current: Based on temp rise not to exceed 30ºC
Features
• Surface mount EMI suppression components
• Nickel barrier termination for excellent resistance to solder heat
• Multi layer technology
• Flow and reflow soldering
Storage Temp: Under 25ºC at 40~60% Humidity
Tolerance: 25% over entire range
REVISED 09/25/2014


Similar Part No. - MLB05

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLB05-050-RC ALLIED-MLB05-050-RC Datasheet
796Kb / 1P
Multilayer Ferrite Bead s
MLB05-060-RC ALLIED-MLB05-060-RC Datasheet
796Kb / 1P
Multilayer Ferrite Bead s
MLB05-070-RC ALLIED-MLB05-070-RC Datasheet
796Kb / 1P
Multilayer Ferrite Bead s
MLB05-100-RC ALLIED-MLB05-100-RC Datasheet
796Kb / 1P
Multilayer Ferrite Bead s
MLB05-101-RC ALLIED-MLB05-101-RC Datasheet
796Kb / 1P
Multilayer Ferrite Bead s
More results

Similar Description - MLB05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
Multilayer Ferrite Chip Bead
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
Multilayer Ferrite Chip Bead
logo
KOA Speer Electronics, ...
CZB1JFT KOA-CZB1JFT Datasheet
96Kb / 3P
multilayer ferrite bead
CZP1JPT KOA-CZP1JPT Datasheet
85Kb / 2P
multilayer power ferrite bead
logo
Allied Components Inter...
MLB03-060-RC ALLIED-MLB03-060-RC Datasheet
703Kb / 1P
Multilayer Ferrite Bead s
MLB05-050-RC ALLIED-MLB05-050-RC Datasheet
796Kb / 1P
Multilayer Ferrite Bead s
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
Multilayer Ferrite Chip Bead
logo
KOA Speer Electronics, ...
CZB1EGTTP120P KOA-CZB1EGTTP120P Datasheet
213Kb / 3P
multilayer ferrite bead
CZP2AFTTD500P KOA-CZP2AFTTD500P Datasheet
212Kb / 2P
multilayer power ferrite bead
logo
Allied Components Inter...
MLB03 ALLIED-MLB03 Datasheet
2Mb / 1P
Multilayer Ferrite Bead
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com