Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX2001 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # EX2001
Description  EXTENDED TEMPERATURE SURFACE MOUNT 10BASE-T INTERFACE MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

EX2001 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  EX2001 Datasheet HTML 1Page - Pulse A Technitrol Company EX2001 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 769 5538070 •• Taiwan 886 2 26980228
www.pulseeng.com
1
E112.C (7/05)
EXTENDED TEMPERATURE
SURFACE MOUNT 10BASE-T
INTERFACE MODULES
Fully Integrated for Adapter, Hub and
Motherboard Applications
16X
.040
1,02
7X
.100 (=.700)
2,54 (=17,78)
.100
2,54
SUGGESTED PAD LAYOUT
.530
13,46
16X
.035
0,89
EX2001
DATE CODE
COUNTRY OF ORIGIN
.700
17,78
7X .100
2,54
16X .018
0,46
16 SURFACES
.004/ 0,100
.040
1,02
0° – 8°
.230
MAX
5,84
.390
MAX
9,91
.510
MAX
12,95
.930
MAX
23,62
.405
10,29
Mechanical
EX2001
For RoHS part add suffix NL3
Peak solder temperature rating per Table 5-2 in
IPC/JEDEC J-STD-020C°°
Extended temperature operates from -40°C to +85°C
Meets IEEE 802.3 specification
EX2001 part is designed for AMD extended
temperature transceiver
Weight . . . . . . . . . . . . . . .2.5 grams
Tape & Reel . . . . . . . . . . . .250/reel
Tube . . . . . . . . . . . . . . . . . .20/tube
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Electrical Specifications @ 25°C — Operating Temperature -40°C to +85°C
Part
Insertion
Attenuation
Return Loss
Crosstalk
Common Mode Rejection
Hipot
Number
RoHS
Loss
(Transmit-dB MIN)
5-10MHz (dBMIN)
(dBMIN)
(Transmit-dB MIN)
(Vrms MIN)
1-10MHz
30MHz
50MHz
100MHz
100
Ω
Ω 98Ω
Ω ±13 5-10 MHz
5MHz 10MHz 50MHz 100MHz 200MHz
EX2001
NL2C
-1.0
-30
-35
-35
-18
-15
-35
-60
-60
-55
-50
-45
1800
1. For Tape & Reel packaging, add suffix “T” to the end of the part number e. g. EX2001T
2. MSL=Moisture Sensitivity Level a=1 b=2 c=3 d=4
3. Add suffix NL for RoHS compliant parts, e.g. EX2001 changes to EX2001NL or EX2001NLT (for Tape & Reel)
NOTE: Turns ratios are 1:1 for the EX2001. The receive and transmit sides meet IEEE 802.3i specifications. Specifications reflect filter sections.


Similar Part No. - EX2001

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
EX2001 PULSE-EX2001 Datasheet
261Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
More results

Similar Description - EX2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E2001 ETC1-E2001 Datasheet
554Kb / 4P
SURFACE MOUNT 10BASE-T INTERFACE MODULES
logo
Bel Fuse Inc.
0811-1X1T-27 BEL-0811-1X1T-27 Datasheet
88Kb / 2P
INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag
0811-1XX1-27 BEL-0811-1XX1-27 Datasheet
86Kb / 2P
INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag?
logo
Bothhand USA, LP.
FS2009M BOTHHAND-FS2009M Datasheet
180Kb / 1P
SURFACE MOUNT 10 BASE-T INTERFACE MODULES
logo
Pulse A Technitrol Comp...
PE-68011 PULSE-PE-68011 Datasheet
46Kb / 2P
10BASE-T INTERFACE MODULES
PE-68025T PULSE-PE-68025T Datasheet
104Kb / 4P
SURFACE MOUNT 10BASE-T INTERFACE MODULES
E2009QNLT PULSE-E2009QNLT Datasheet
192Kb / 4P
SURFACE MOUNT 10BASE-T INTERFACE MODULES
E104 PULSE-E104 Datasheet
141Kb / 2P
10BASE-T THROUGH HOLE INTERFACE MODULES
E115 PULSE-E115 Datasheet
192Kb / 4P
SURFACE MOUNT 10BASE-T INTERFACE MODULES
logo
API Technologies Corp
8231-8239 APITECH-8231-8239 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com