Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC-35 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KSC-35
Description  Compact VHF/UHF FM Portable Radios
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KSC-35 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KSC-35 Datasheet HTML 1Page - List of Unclassifed Manufacturers KSC-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All accessories and options may not be available in all markets.
Contact an authorized Kenwood dealer for details and complete list of all accessories and options.
Options
ADS#11410 Printed in USA
JQA-QMA1205
I
KNB-29N
Ni-MH Battery Pack
(1,500mAh)
I
KNB-45L
2,000mAh/7.4V
Li-Ion Battery Pack
I
KSC-31
Fast Charger
For the KNB-29N (3-Hour)
I
KSC-35K
Fast Charger
For the KNB-45L (3-Hour)
I
KRA-16
VHF Stubby Antenna
I
KRA-17
UHF Stubby Antenna
I
KRA-22
VHF Low Profile
Helical Antenna
I
KRA-23
UHF Low Profile
Helical Antenna
I
KRA-26
VHF Helical Antenna
I
KRA-27
UHF Whip Antenna
I
KMC-45
Speaker Microphone
I
KMC-21
Compact Speaker
Microphone
I
KEP-2
Earphone Kit for
KMC-45
(2.5mm plug)
I
KHS-7
Single Muff Headset
I
KHS-7A
Single Muff Headset
with In-line PTT
I
KHS-8BL/BE
2-wire Palm Mic
with Earphone (Black/Beige)
I
KHS-9BL/BE
3-wire Lapel Mic
with Earphone (Black/Beige)
I
KHS-22
Behind-the-head
Headset with PTT
I
KHS-23
2-wire Palm Mic
I
KHS-25
D-Ring Ear Hanger
with PTT & Boom Mic
I
KHS-26
Earbud In-line
PTT Headset
I
KHS-27
D-Ring In-line
PTT Headset
I
KMB-28
Six Unit Charger
Adapter (for six
KSC-35K chargers
I
KBH-10
Belt Clip
I
KWR-1
Water Resistance Bag
I
KLH-126
Nylon Case
*To meet IP54/55, the 2-pin connector cover has to be connected on the radio or the locking bracket has to be attached to the KMC-45 external speaker microphone.
Applicable MIL-STD & IP
Standard
MIL 810C
MIL 810D
MIL 810E
MIL 810F
Methods/Procedures
Methods/Procedures Methods/Procedures Methods/Procedures
Low Pressure
500.1/Procedure I
500.2/Procedure I, II
500.3/Procedure I, II
500.4/Procedure I, II
High Temperature
501.1/Procedure I, II
501.2/Procedure I, II
501.3/Procedure I, II
501.4/Procedure I, II
Low Temperature
502.1/Procedure I
502.2/Procedure I, II
502.3/Procedure I, II
502.4/Procedure I, II
Temperature Shock
503.1/Procedure I
503.2/Procedure I
503.3/Procedure I
503.4/Procedure I, II
Solar Radiation
505.1/Procedure I
505.2/Procedure I
505.3/Procedure I
505.4/Procedure I
Rain
506.1/Procedure I, II
506.2/Procedure I, II
506.3/Procedure I, II
506.4/Procedure I, III
Humidity
507.1/Procedure I, II
507.2/Procedure II, III
507.3/Procedure II, III
507.4
Salt Fog
509.1/Procedure I
509.2/Procedure I
509.3/Procedure I
509.4
Dust
510.1/Procedure I
510.2/Procedure I
510.3/Procedure I
510.4/Procedure I, III
Vibration
514.2/Procedure VIII, X
514.3/Procedure I
514.4/Procedure I
514.5/Procedure I
Shock
516.2/Procedure I, II, V
516.3/Procedure I, IV
516.4/Procedure I, IV
516.5/Procedure I, IV
International Protection Standard
Dust & Water Protection
IP54/55*
Model
TK-2300VP VHF
TK-3300UP UHF
GENERAL
Pre-set Frequencies
27
89
Number of Channels
V4P / U4P
44
V16P / U16P
16
16
Channel Spacing
Wide/Narrow
25, 30kHz/12.5,15kHz
25kHz/12.5kHz
Channel Step
2.5, 5, 6.25, 7.5kHz
5, 6.25kHz
Operating Voltage
7.5V DC±20%
Battery Life (5-5-90 duty cycle)
with KNB-29N (1500mAh)
14 hours (Battery Saver Off)
18 hours (Battery Saver On)
with KNB-45L* (2000mAh)
17 hours (Battery Saver Off)
22 hours (Battery Saver On)
Operating Temperature Range**
-22°F ~ +140°F (-30°C ~ +60°C)
Frequency Stability
±2.5ppm (-22°F ~ +140°F)
Antenna Impedance
50 Ω
Channel Frequency Spread
24MHz
20MHz
Dimensions (W x H x D), Projections not Included
Radio Only
2.13” x 4.8” x 0.83” (54 x 122 x 21.1mm)
with KNB-29N/KNB-45L
2.13” x 4.8” x 1.33” (54 x 122 x 33.8mm)
Weight (net)
Radio Only
5.6oz (160g)
with KNB-29N
12.7oz (360g)
with KNB-45L
9.9oz (280g)
FCC ID
ALH413501
ALH413603
FCC Compliance
Parts 22/74/90
Parts 90
Model
TK-2300VP VHF
TK-3300UP UHF
RECEIVER (Measurements made per TIA/EIA-603)
Sensitivity (12dB SINAD)
Wide/Narrow
0.25µV/0.28µV
Selectivity
Wide/Narrow
70dB/60dB
Intermodulation Distortion
Wide/Narrow
65dB/60dB
Spurious Response
65dB
60dB
Audio Output
500mW with less than 10% distortion
TRANSMITTER (Measurements made per TIA/EIA-603)
RF Power Output
High/Low
2W/1W
2W/1W
Spurious Response
65dB
Modulation
Wide/Narrow
16KØF3E/11KØF3E
FM Noise
Wide/Narrow
45/40dB
Audio Distortion
Less than 5%
Kenwood follows a policy of continuous advancement in development.
For this reason specifications may be changed without notice.
ProTalk® is a registered trademark of Kenwood Corporation.
*KNB-45L included with radio package.
**-14°F ~ +140°F (-10°C ~ +60°C) When KNB-29N/45L in use.
Specifications
ACCESSORIES INCLUDED
• KNB-45L Li-Ion Battery
• KSC-35K 3-Hour Fast Charger
• KBH-10 Spring Action Belt Clip
• Removable Antenna
(chargers not included)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com