Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLBA20 Datasheet(PDF) 1 Page - Allied Components International

Part # MLBA20
Description  Multilayer Bead Arrays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLBA20 Datasheet(HTML) 1 Page - Allied Components International

  MLBA20 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MLBA20
15
All specifications subject to change without notice.
DCR
Max.
(
Ω)
Rated
Current
(mA)Max
Allied
Part
Number
Impedance
Tolerance
(%)
Test
Freq.
MLBA20-300T-RC
MLBA20-600T-RC
MLBA20-121T-RC
MLBA20-301T-RC
MLBA20-601T-RC
MLBA20-102T-RC
30
60
120
300
600
1000
25
25
25
25
25
25
100
100
100
100
100
100
.20
.25
.30
.40
.50
.75
500
400
350
250
200
150
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 05/17/12
MHz, 200mV
( ±25%)
Multilayer Bead Arrays
Features
• Surface mount EMI components
• Low profile
• High denisty circuit design
• Four lines in one chip for suppressing noise
Electrical
Inductance Range: 30ohm ~ 1000ohm
Tolerance: 25% over entire range,
Operating Temp: -55ºC ~ +125ºC
Rated Current: Based on temp rise not to
exceed 30ºC.
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC +/- 5ºC for 10 sec ± 1 sec.
Test Equipment
(Z):
HP4291A RF IMPEDANCE/MATERIAL
ANALYZER
(RDC):
CHEN HWA 502BC
Physical
Packaging: 3000 pieces per 7 inch reel.
Marking: None
tighter tolerances available.
Dimensions:
Inches
(mm)


Similar Part No. - MLBA20

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLBA20-102T-RC ALLIED-MLBA20-102T-RC Datasheet
392Kb / 1P
Multilayer Bead Arrays
MLBA20-121T-RC ALLIED-MLBA20-121T-RC Datasheet
392Kb / 1P
Multilayer Bead Arrays
MLBA20-151T-RC ALLIED-MLBA20-151T-RC Datasheet
392Kb / 1P
Multilayer Bead Arrays
MLBA20-181T-RC ALLIED-MLBA20-181T-RC Datasheet
392Kb / 1P
Multilayer Bead Arrays
MLBA20-221T-RC ALLIED-MLBA20-221T-RC Datasheet
392Kb / 1P
Multilayer Bead Arrays
More results

Similar Description - MLBA20

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MA3216-600M4 BOURNS-MA3216-600M4 Datasheet
183Kb / 3P
Chip Ferrite Bead Arrays
logo
Allied Components Inter...
MLBA20-300T-RC ALLIED-MLBA20-300T-RC Datasheet
392Kb / 1P
Multilayer Bead Arrays
logo
ABC Taiwan Electronics ...
MD1608400YL ABC-MD1608400YL Datasheet
361Kb / 7P
MULTILAYER CHIP BEAD
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
MULTILAYER CHIP BEAD
logo
XFMRS Inc.
XFEB321608 XFMRS-XFEB321608 Datasheet
36Kb / 1P
CHIP BEAD ARRAYS
XFEB321611 XFMRS-XFEB321611 Datasheet
39Kb / 1P
CHIP BEAD ARRAYS
logo
KOA Speer Electronics, ...
CZB1EGTTP120P KOA-CZB1EGTTP120P Datasheet
213Kb / 3P
multilayer ferrite bead
logo
XFMRS Inc.
XFEB321608 XFMRS-XFEB321608 Datasheet
36Kb / 1P
CHIP BEAD ARRAYS
XFEB321611 XFMRS-XFEB321611 Datasheet
39Kb / 1P
CHIP BEAD ARRAYS
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
MULTILAYER CHIP BEAD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com