Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC0502 Datasheet(PDF) 1 Page - Allied Components International

Part # PC0502
Description  Power Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PC0502 Datasheet(HTML) 1 Page - Allied Components International

  PC0502 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Inductors
PC0502
15
All specifications subject to change without notice.
DCR
(
Ω)
IDC
(A)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PC0502-1R0M-RC
PC0502-1R4M-RC
PC0502-1R8M-RC
PC0502-2R7M-RC
PC0502-3R3M-RC
PC0502-3R9M-RC
PC0502-4R7M-RC
PC0502-5R6M-RC
PC0502-6R8M-RC
PC0502-8R2M-RC
PC0502-100M-RC
PC0502-120M-RC
PC0502-150M-RC
1.0
1.4
1.8
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
20
20
20
20
20
20
20
20
20
20
20
20
20
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
0.03
0.04
0.05
0.07
0.08
0.09
0.14
0.15
0.16
0.17
0.18
0.20
0.22
4.50
4.00
3.30
2.50
2.35
2.20
2.00
1.80
1.70
1.40
1.20
1.18
1.15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 12/11/08
PC0502-180M-RC
PC0502-220M-RC
PC0502-270M-RC
PC0502-330K-RC
PC0502-390K-RC
PC0502-470K-RC
PC0502-560K-RC
PC0502-680K-RC
PC0502-820K-RC
PC0502-101K-RC
PC0502-121K-RC
PC0502-151K-RC
PC0502-181K-RC
18
22
27
33
39
47
56
68
82
100
120
150
180
20
20
20
10
10
10
10
10
10
10
10
10
10
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
0.25
0.35
0.45
0.56
0.69
0.72
0.84
0.90
1.20
1.30
1.38
1.81
1.95
1.10
1.00
0.86
0.76
0.75
0.73
0.55
0.52
0.50
0.40
0.36
0.30
0.26
PC0502-221K-RC
PC0502-271K-RC
PC0502-331K-RC
PC0502-391K-RC
PC0502-471K-RC
PC0502-561K-RC
PC0502-681K-RC
PC0502-821K-RC
PC0502-102K-RC
220
270
330
390
470
560
680
820
1000
10
10
10
10
10
10
10
10
10
1KHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
3.00
3.20
3.82
4.68
5.10
8.50
10.0
12.0
18.0
0.25
0.21
0.18
0.16
0.15
0.14
0.13
0.07
0.05
PC0502-2R2M-RC
2.2
20
7.96MHz,1V
0.06
2.94
Dimensions:
Inches
(mm)
Features
• Unshielded SMD low cost design
• Accurate and consistent dimensions for
• Excellent for use in DC-DC converter
• High saturation for surface mounting
• Designed for high current applications
Electrical
Inductance Range: 1µh to 1000µh
Tolerance:
20% over entire range
Test Frequency: (L/Q) as specified
Operating Temp: -40ºC ~ +85ºC
IDC: Current at which Inductance drops 10%
of original value with a
Resistance to Soldering Heat
Test Method: Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC for 10 sec ± 1 sec.
Test Equipment
(L & Q): HP4192A Impedence Analyzer
(DCR): Chen Hwa 502BC
(IDC): HP4284A with HP42841A or
CH1061 with CH301A
Physical
Packaging: 2000 pieces per 13 inch reel.
Marking:
EIA Inductance Code.
∆ T= 40ºC whichever
is lower.
auto insertion
application
Also available in tighter tolerances


Similar Part No. - PC0502

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PC0502-100M-RC ALLIED-PC0502-100M-RC Datasheet
386Kb / 1P
Power Chip Inductors
PC0502-101K-RC ALLIED-PC0502-101K-RC Datasheet
386Kb / 1P
Power Chip Inductors
PC0502-102K-RC ALLIED-PC0502-102K-RC Datasheet
386Kb / 1P
Power Chip Inductors
PC0502-120M-RC ALLIED-PC0502-120M-RC Datasheet
386Kb / 1P
Power Chip Inductors
PC0502-121K-RC ALLIED-PC0502-121K-RC Datasheet
386Kb / 1P
Power Chip Inductors
More results

Similar Description - PC0502

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
Power Chip Inductors
logo
Allied Components Inter...
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
Power Chip Inductors
PC03011-1R0M-RC ALLIED-PC03011-1R0M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com