Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFV22 Datasheet(PDF) 1 Page - Allied Components International

Part # PCFV22
Description  SMD SEMI SHIELDED POWER CHIP INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCFV22 Datasheet(HTML) 1 Page - Allied Components International

  PCFV22 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SEMI SHIELDED POWER CHIP INDUCTOR
15
RDC
(Ω)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
04/08/13
MHz, 200mV
All specifications subject to change without notice.
Irms
PCFV22-R47M-RC
.47
20
1
0.051
1.84
Features
• Semi Magnetically Shielded
Electrical
Test Equipment
Physical
Packaging: 2K per Tape and reel
• High Current
Inductance Range: .47µh ~ 6.8µh (other
Tolerance: Available in 20%
Operating Temp: -40ºC ~ +125ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4287A + HP16197A
(RDC): Chroma MilliOhm Meter 16502
Current: HP4284A + HP42841A
Marking: As noted
PCFV22
Isat
2.160
Irms: Based on a temp rise of
T = 40ºC
Solder Composition:
Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCFV22-1R5M-RC
1.5
20
1
0.130
1.60
1.280
PCFV22-6R8M-RC
6.8
20
1
0.465
.624
0.656
∆
typical above Ambient Temp.
±30%
Marking
A
D
H
• Low DC Resistance
(Max)
(Max)
• Ultra Low Profile only 1.2mm
Recommended Pattern
(A)
(A)
Magnetic Resin
Dimensions:
Inches
(mm)
.063±0.1
(1.6±0.25)
.024
(0.6)
.048±.002
(1.2±0.05)
.032
(0.8)
.032
(0.8)
.071
(1.8)
.032
(0.8)
Inductance vs. DC Current
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
3.5
4
DC Current(A)
6R8
1R5
R47
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
DC Current(A)
1R5
R47
6R8


Similar Part No. - PCFV22

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCFV24 ALLIED-PCFV24 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24-100M-RC ALLIED-PCFV24-100M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24-150M-RC ALLIED-PCFV24-150M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24-1R0M-RC ALLIED-PCFV24-1R0M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24-1R5M-RC ALLIED-PCFV24-1R5M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCFV22

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCCV22 ALLIED-PCCV22 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24 ALLIED-PCFV24 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV25 ALLIED-PCFV25 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV32 ALLIED-PCFV32 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV35 ALLIED-PCFV35 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV42 ALLIED-PCFV42 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV45 ALLIED-PCFV45 Datasheet
430Kb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCSVLR80 ALLIED-PCSVLR80 Datasheet
410Kb / 1P
SMD SEMI-SHIELDED POWER CHIP INDUCTOR
PCHP42 ALLIED-PCHP42 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCHP54 ALLIED-PCHP54 Datasheet
575Kb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com