Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFV42 Datasheet(PDF) 1 Page - Allied Components International

Part # PCFV42
Description  SMD SEMI SHIELDED POWER CHIP INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCFV42 Datasheet(HTML) 1 Page - Allied Components International

  PCFV42 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SEMI SHIELDED POWER CHIP INDUCTOR
15
RDC
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
04/22/13
MHz, 200mV
All specifications subject to change without notice.
Irms
PCFV42-3R3M-RC
3.3
20
1
.072
1.68
Features
• Semi Magnetically Shielded
Electrical
Test Equipment
Physical
Packaging: 1000 per Tape and reel
• High Current
Inductance Range: 3.3µh ~ 10µh (other
Tolerance: Available in 20%
Operating Temp: -40ºC ~ +125ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4287A + HP16197A
(RDC): Chroma MilliOhm Meter 16502
Current: HP4284A + HP42841A
Marking: EIA Inductance Code
PCFV42
Isat
1.21
Irms: Based on a temp rise of
T = 40ºC
Solder Composition:
Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCFV42-100M-RC
10
20
1
.195
0.96
0.60
typical above Ambient Temp.
±30%
Marking
3R3
100
• Low DC Resistence
(Max)
(Max)
• Ultra Low Profile, 1.2mm
(A)
(A)
(mΩ)
Inductance vs. DC Current
0
2
4
6
8
10
12
0
0.51
1.5
2
2.5
3
DC Current(A)
3R3
100
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
3
DC Current(A)
3R3
100
Dimensions:
Inches
(mm)
Recommended Pattern
.158±.008
(4.0±0.20)
.06
(1.5)
.048±.004
(1.2±0.1)
.06
(1.5)
.06
(1.5)
.17
(4.2)
.05
(1.2)
Magnetic Resin


Similar Part No. - PCFV42

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCFV45 ALLIED-PCFV45 Datasheet
430Kb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV48 ALLIED-PCFV48 Datasheet
1Mb / 1P
SMD Shielded Power Chip Inductor
PCFV48-1R0M-RC ALLIED-PCFV48-1R0M-RC Datasheet
1Mb / 1P
SMD Shielded Power Chip Inductor
PCFV48-1R5M-RC ALLIED-PCFV48-1R5M-RC Datasheet
1Mb / 1P
SMD Shielded Power Chip Inductor
PCFV48-2R2M-RC ALLIED-PCFV48-2R2M-RC Datasheet
1Mb / 1P
SMD Shielded Power Chip Inductor
More results

Similar Description - PCFV42

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCCV22 ALLIED-PCCV22 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24 ALLIED-PCFV24 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV25 ALLIED-PCFV25 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV32 ALLIED-PCFV32 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV35 ALLIED-PCFV35 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV45 ALLIED-PCFV45 Datasheet
430Kb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV80 ALLIED-PCFV80 Datasheet
529Kb / 1P
SMD Semi Shielded Power Chip Inductor
PCSVLR80 ALLIED-PCSVLR80 Datasheet
410Kb / 1P
SMD SEMI-SHIELDED POWER CHIP INDUCTOR
PCHP42 ALLIED-PCHP42 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCHP54 ALLIED-PCHP54 Datasheet
575Kb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com