Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFV49 Datasheet(PDF) 1 Page - Allied Components International

Part # PCFV49
Description  SMD SEMI SHIELDED POWER INDUCTO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCFV49 Datasheet(HTML) 1 Page - Allied Components International

  PCFV49 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SEMI SHIELDED POWER INDUCTOR
15
RDC
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
REVISED 4/22/14
(MHz,100mV)
All specifications subject to change without notice.
Irms
PCFV49-1R0M-RC
1.0
20
1
30
3.60
Features
• Semi Magnetically Shielded
Electrical
Test Equipment
Physical
Packaging: 500 per Tape and reel
• High Current
Inductance Range: 1.0µh ~ 330µh (other
Tolerance: Available in 20%
Operating Temp: -55ºC ~ +125ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4287A + HP16197A
(RDC): Chroma MilliOhm Meter 16502
Current: HP4284A + HP42841A
Marking: EIA Inductance Code
PCFV49
.158±.008
(4.0±.20)
.158±.010
(4.0±.25)
.103±.008
(2.6±0.2)
.056
.056
(1.4)
(1.4)
Isat
4.50
Irms: Based on a temp rise of
T = 40ºC
Solder Composition:
Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCFV49-1R5M-RC
1.5
20
1
35
3.33
3.78
PCFV49-2R2M-RC
2.2
20
1
45
3.15
3.42
∆
typical above Ambient Temp.
±30%
Marking
1R0
2R2
1R5
• Low DC Resistence
(Max)
(Max)
PCFV49-3R3M-RC
3.3
20
1
47
2.25
2.70
3R3
• Ultra Low Profile, 2.6mm
(A)
(A)
(mΩ)
PCFV49-4R7M-RC
4.7
20
1
92
1.80
2.34
PCFV49-6R8M-RC
6.8
20
1
130
1.53
1.80
PCFV49-100M-RC
10
20
1
188
1.26
1.71
4R7
100
6R8
PCFV49-150M-RC
15
20
1
240
1.08
150
1.30
PCFV49-220M-RC
22
20
1
330
0.90
220
1.09
PCFV49-330M-RC
33
20
1
480
0.73
330
0.90
PCFV49-5R6M-RC
5.6
20
1
110
1.71
2.07
5R6
Inductance vs. DC Current
0
5
10
15
20
25
30
35
0123456
7
8
DC Current(A)
1R5
2R2
3R3
6R8
100
150
220
1R0
4R7
330
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
0
0.51
1.5
2
2.53
3.54
4.5
DC Current(A)
2R2 1R5
4R7
6R8
100
150
220
330
3R3
1R0
PCFV49-331M-RC
330
20
1
4600
0.22
331
0.27
Dimensions:
Inches
(mm)


Similar Part No. - PCFV49

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCFV42 ALLIED-PCFV42 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV42-100M-RC ALLIED-PCFV42-100M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV42-3R3M-RC ALLIED-PCFV42-3R3M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV45 ALLIED-PCFV45 Datasheet
430Kb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV48 ALLIED-PCFV48 Datasheet
1Mb / 1P
SMD Shielded Power Chip Inductor
More results

Similar Description - PCFV49

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS124-3R3M-RC ALLIED-PCS124-3R3M-RC Datasheet
347Kb / 1P
Power Chip Shielded Inducto r s
PCCV22 ALLIED-PCCV22 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24 ALLIED-PCFV24 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV32 ALLIED-PCFV32 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV35 ALLIED-PCFV35 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV42 ALLIED-PCFV42 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCS124 ALLIED-PCS124 Datasheet
347Kb / 1P
Power Chip Shielded Inducto r s
PCSVLR80 ALLIED-PCSVLR80 Datasheet
410Kb / 1P
SMD SEMI-SHIELDED POWER CHIP INDUCTOR
PCHP42 ALLIED-PCHP42 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
logo
TAI-TECH Advanced Elect...
TMPA1004S TAI-TECH-TMPA1004S Datasheet
1Mb / 4P
SMD Power Inducto
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com