Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC412R8 Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC412R8
Description  SMD High Current Shielded Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC412R8 Datasheet(HTML) 1 Page - Allied Components International

  PCHC412R8 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD High Current Shielded Choke
PCHC412R8
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
07/23/2013
Features
• Magnetically shielded construction
Electrical
Inductance Range:
.22µH to 4.7uH additonal
Tolerance:
20% over entire range
Operating Temp:
-55ºC ~ +125ºC
Pre-Heat 150ºC, 1 minute.
Test Equipment
(L):
WK 3260B
• Ultra High saturation current up to 11.5A
Resistance to Soldering Heat
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC ± 5ºC
DCR:
Chen HWA502
Temp. Rise:
=40ºC Typical at heat rated
Test Frequency
: 100KHz, 0.5Vdc
• Low RD Resistance
• Expanded operating temp range
Immersion Time:
10 sec. ± 1 sec.
Under no condition should the part exceed
.162+/-.008
(4.1+/-0.2)
(4.6±0.2)
.181±.008
(1.2)
.047
(1.5±0.3)
.06±.012
.04+/-.02
(1.0+/-0.5)
125ºC.
• Suitable for pick and place
values available.
Inductance drop: 30% typical at rated Isat
Physical
Packaging:
2000 pieces per 13 inch reel.
Marking:
EIA Inductance Code
IDC:
3260B WK & DC Bias 3265B WK
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(
µH)
Irms
(A)
Test
Frequency
(KHz, 0.5V)
Tolerance
(±%)
RDC
(mΩ)
PCHC412R8-R22M-RC
Isat
(A)
0.22
12
20
100
11.5
8.5
∆
(Recommended Solder Pads)
.099
(2.5)
.059
(1.5)
.146
(3.7)
Typ
Typ
Max
Storage Temp:
-55ºC ~ +125ºC
current.
PCHC412R8-R47M-RC
0.47
25
20
100
7.0
5.0
PCHC412R8-R68M-RC
0.68
37
20
100
6.0
4.0
PCHC412R8-1R0M-RC
1.0
46
20
100
5.2
4.0
PCHC412R8-2R2M-RC
2.2
114
20
100
3.5
2.2
PCHC412R8-4R7M-RC
4.7
195
20
100
2.8
1.8
Inductance vs DC Current
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
1
2
3
4
5
67
8
9
10 11
12 13 14 15
16 17
DC Current(A)
R22
R47
R68
1R0
2R2
4R7
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
012345678
9
10
11
12
13
1R0
R68
R22
R47
2R2
4R7
Dimensions:
Inches
(mm)
MAX
MAX


Similar Part No. - PCHC412R8

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
SMD High Current Shielded Choke
More results

Similar Description - PCHC412R8

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
SMD High Current Shielded Choke
PCHC415R8 ALLIED-PCHC415R8 Datasheet
402Kb / 1P
SMD High Current Shielded Choke
PCHC520R8 ALLIED-PCHC520R8 Datasheet
420Kb / 1P
SMD High Current Shielded Choke
PCHC530R8 ALLIED-PCHC530R8 Datasheet
412Kb / 1P
SMD High Current Shielded Choke
PCHC63A ALLIED-PCHC63A Datasheet
351Kb / 1P
SMD High Current Shielded Choke
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
SMD High Current Shielded Choke
PCHC515R8 ALLIED-PCHC515R8 Datasheet
397Kb / 1P
SMD High Current Shielded Choke
PCHC615R8A ALLIED-PCHC615R8A Datasheet
425Kb / 1P
SMD High Current Shielded Choke
PCHC618R8A ALLIED-PCHC618R8A Datasheet
395Kb / 1P
SMD High Current Shielded Choke
PCHC420Z2 ALLIED-PCHC420Z2 Datasheet
676Kb / 1P
SMD High Current Shielded Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com