Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCHC104R7-R36M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC104R7-R36M-RC
Description  Power Choke High Current
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC104R7-R36M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC104R7-R36M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Choke High Current
PCHC104R7
15
Irms
(mΩ)
Isat
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
DCR
PCHC104R7-R22M-RC
PCHC104R7-R45M-RC
PCHC104R7-R47M-RC
PCHC104R7-1R5M-RC
0.22
0.45
0.47
1.5
20
20
20
20
0.6
1.2
1.2
4.2
35
33
33
16
45
38
38
22
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCHC104R7-R68M-RC
0.68
20
1.55
27
30
All specifications subject to change without notice.
05/30/12
PCHC104R7-1R8M-RC
1.8
20
5
15.3
16
PCHC104R7-R36M-RC
0.36
20
1.2
34
42
PCHC104R7-R56M-RC
0.56
20
1.55
27
32
PCHC104R7-1R0M-RC
1.0
20
3.1
20
26
Features
• Magnetically shielded construction
Electrical
Inductance Range: .22µH to 22µH,
Tolerance: 20% over entire range
Operating Temp: -55ºC ~ +125ºC
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 500 pieces per 13 inch reel.
• High saturation current up to 45A
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC
Marking: EIA Inductance Code
Irms:
approx 40ºC.
Test Frequency: 100KHz, 0.5V
• Low DC Resistance
• Expanded operating temp range
Current at which the temp will rise
Immersion Time: 10 sec. ± 1 sec.
Isat: Current at which the Inductance will
PCHC104R7-3R3M-RC
3.3
20
13.2
11
12
PCHC104R7-6R8M-RC
6.8
20
25
6
10
• Suitable for pick and place
(A) Typ.
.397+/-.011
(10.1+/-0.3)
(11.6 Max)
.456 Max
(4.0 Max)
.157 Max
(3.0 Typ.)
.118 Typ.
.098+/-0.019
(2.5+/-0.5)
drop approximately 30%.
Max.
(A) Typ.
additional values available.
Available in tighter tolerances.
StorageTemp: -55ºC ~ +125ºC
Part temperature should not exceed 125ºC
including temperature rise.
(L): HP 4284A LCR meter or equivalent
Test Equipment
DCR: CH502, Agilent 33420A Micro-Ohm meter
IDC: 3260B WK & DC Bias 3265B WK
PCHC104R7-8R2M-RC
8.2
20
30
6
9
PCHC104R7-100M-RC
10
20
30
6.5
7
PCHC104R7-150M-RC
15
20
53
5
6
PCHC104R7-220M-RC
22
20
64
4.5
4.5
Dimensions:
Inches
(mm)


Similar Part No. - PCHC104R7-R36M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC104R8 ALLIED-PCHC104R8 Datasheet
383Kb / 1P
SMD High Current Shielded Choke
More results

Similar Description - PCHC104R7-R36M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC Datasheet
374Kb / 1P
Power Choke High Current
PCHC64P-R33M-RC ALLIED-PCHC64P-R33M-RC Datasheet
363Kb / 1P
Power Choke High Current
PCHC104H-R36M-RC ALLIED-PCHC104H-R36M-RC Datasheet
355Kb / 1P
Power Choke High Current
PCHC1354S-R68M-RC ALLIED-PCHC1354S-R68M-RC Datasheet
387Kb / 1P
Power Choke High Current
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC_10 Datasheet
384Kb / 1P
Power Choke High Current
PCHC63H ALLIED-PCHC63H Datasheet
383Kb / 1P
Power Choke High Current
PCHC1250R7 ALLIED-PCHC1250R7 Datasheet
485Kb / 1P
Power Choke High Current
PCHC103R7 ALLIED-PCHC103R7 Datasheet
340Kb / 1P
Power Choke High Current
PCHC127H ALLIED-PCHC127H Datasheet
6Mb / 1P
Power Choke High Current
PCHC320H ALLIED-PCHC320H Datasheet
1,007Kb / 3P
Power Choke High Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com