Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0491NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA0491NLT
Description  HIGH FREQUENCY PLANAR TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0491NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA0491NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA0491NLT Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH FREQUENCY PLANAR
TRANSFORMERS
Spyglass Series (up to 140W)
1. The above transformers have been tested and approved by Pulse's IC
partners and are cited in the appropriate datasheet or evaluation board
documentation at these companies. To determine which IC and IC
companies are matched with the above transformers, please refer to
the IC cross reference on the Pulse web page. See the Spyglass
transfomer matrix on the next page for other winding configurations
that can be made available.
2. The listed transformers are designed to meet basic insulation (1.4mm
creepage and clearance with 1500Vdc isolation). Lower cost
transformers with operational insulation (1500Vdc isolation with no
creepage and clearance spacings) are available. Please contact Pulse
Power Applications Engineering for details.
3. To determine if the transformer is suitable for your application,
it is necessary to ensure that the temperature rise of the
component (ambieint plus temperature rise) does not exceed
its operating temperature. To determine the approximate temperature
rise of the transformer, refer to the graphs below.
4. Add suffix “T” to part number for Tape & Reel package (i.e. PA0168T).
5. RoHS compliant parts are being introduced. Please contact Pulse for
RoHS compliant part availability. If available, order part by adding the
suffix "NL" to the part number (i.e. PA0168 becomes PA0168NL and
PA0168T becomes PA0168NLT).
Notes from Tables
Temperature Rise vs. Power (W) Dissipation
0
20
40
60
80
100
120
01
2
3
4
5
6
7
Total Power (W) Dissipation
Total Power Dissipation (W) = .001 * (DCRprimary * Irms_primary2 + DCRsecondary * Irms_secondary2) + Core Loss (W)
Core Loss vs. Flux Density
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
500
1000
1500
2000
2500
DB (Gauss)
100kHz
200kHz
300kHz
400kHz
500kHz
600kHz
700kHz
DB = 179211.46 * Vin_min * Dutycycle_max / (Freq_kHz * Pri_Turns)
www.pulseeng.com
P576.A (5/06)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Road
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
TEL: 886 3 4641811
FAX: 886 3 4641911
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 85538070
FAX: 86 769 85538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Road
Shanghai 200233
China
TEL: 86 21 54643211/2
FAX: 86 21 54643210



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com