Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TWM250 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TWM250
Description  250W Medical Grade AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM250 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TWM250 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM250 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
#TWM250_2013-03-24
TWM250 Series
250W Medical Grade AC/DC Power Supplies
U-Bracket (Suffix "B")
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
MECHANICAL SPECIFICATIONS (Unit: mm)
PCB (Standard)
INPUT & OUTPUT CONNECTORS
Input Connector: CN1
#
n
i
P
n
o
i
t
c
n
u
F
1e
n
i
L
C
A
2l
a
r
t
u
e
N
C
A
Output Connector: CN2
#
n
i
P
n
o
i
t
c
n
u
F
4
,
3
,
2
,
1n
r
u
t
e
R
9
,
8
,
7
,
6
,
5V
+
JST P/N B3P-VH-B (3.96mm pitch);
mates with JST VHR-3N or equivalent.
JST P/N B9P-VH-B (3.96mm pitch);
mates with JST VHR-9N or equivalent.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com