Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P010213 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010213
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010213 Datasheet(HTML) 1 Page - E-SWITCH

  P010213 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1105SPF160Q94VO
4:1
7/7/2006
P010213
A
CT
1
1
P.C.B. MOUNTING
6.00
[.236 in]
o
n3.40
[.134 in]
4.50
[.177 in]
1.80
[.071 in]
1.10
[.043 in]
7.40
[.291 in]
3.50
[.138 in]
.50
[.020 in]MAX.
6.50
[.256 in]
7.89
[.311 in]
1.78
[.070 in]
.30
[.012 in]
.70
[.028 in]
.69
[.027 in]
2.80
[.110 in]
n1.00
[.039 in]
6.50
[.256 in]
4.50
[.177 in]
2
4
3
CIRCUIT: SPST
1
A
16181
NEW PART RELEASE
7/7/06
CT
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. TERMINAL NUMBERS FOR REF. ONLY
3. TOLERANCE: X.X=
`0.4
X.XX=
`0.25
4. MATERIAL: CONTACTS: SILVER
HOUSING AND ACTUATOR:
TO MEET UL94VO
5. RATING: 12VDC @ 50mA
6. TRAVEL: 0.25 +0.2/-0.1
7. OPERATING FORCE: 160
`50
8. ELECTRICAL LIFE: 100,000 LIFE CYCLES
9. CONTACT RESISTANCE: 100mW MAX.
10.
DENOTES CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
12. PACKAGING: 750PCS/POLY BAG
1
3
4
2


Similar Part No. - P010213

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010210 E-SWITCH-P010210 Datasheet
28Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010211 E-SWITCH-P010211 Datasheet
27Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010214 E-SWITCH-P010214 Datasheet
123Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010217 E-SWITCH-P010217 Datasheet
167Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010213

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com