Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB-C154SMF Datasheet(PDF) 1 Page - API Delevan

Part # PDB-C154SMF
Description  Photodiode in Plastic Surface Mount Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

PDB-C154SMF Datasheet(HTML) 1 Page - API Delevan

  PDB-C154SMF Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Surface mount
• Photoconductive
• Low cost
• High speed
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
32
V
TSTG
Storage Temperature
-40
+125
°C
TO
Operating Temperature
-40
+80
°C
TS
Soldering Temperature*
+260
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short Circuit Current
H = 100 fc, 2850 K
20
25
μA
ID
Dark Current
VR = 10 V
2
10
nA
RSH
Shunt Resistance
VR = 10 mV
500
MW
CJ
Junction Capacitance
VR = 10 V, f = 1 MHz
6
5
pF
lrange
Spectral Application Range
Spot Scan
400
1100
nm
VBR
Breakdown Voltage
I = 10 μA
32
170
V
NEP
Noise Equivalent Power
VR = 10V @ l=Peak
1.5x10
-13
W/ √ Hz
tr
Response Time
RL = 1 KΩ,VR = 10 V
10
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Wavelength (nm)
Photodiode in Plastic Surface Mount Package
PDB-C154SM
PACKAGE DIMENSIONS INCH [mm]
PLASTIC SIDELOOKER
PACKAGE
The PDB-C154SM is a blue enhanced PIN silicon
photodiode in a photoconductive mode packaged in a
water clear surface mount package.
• Floppy disk drives
• Industrial control
• Opto switches
• Opto counters
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
SURFACE MOUNT PACKAGE
.059 [1.50] SQUARE
.057 [1.45] SQUARE
ACTIVE AREA
.063 [1.60]
.126 [3.20]
.042 [1.08]
.106 [2.69]
.026 [0.65]
2X .055 [1.40]
120°
VIEWING
ANGLE
.066 [1.68]
.030 [0.76]
.020 [0.50]
.041 [1.04]
CATHODE
ANODE
4X .035 [0.89]
.079 [2.00]
4X .024 [0.60]
CATHODE
STRIPE


Similar Part No. - PDB-C154SMF

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C154SM ADVANCEDPHOTONIX-PDB-C154SM Datasheet
93Kb / 1P
Photodiode in Plastic Surface Mount Package
logo
Luna Innovations Incorp...
PDB-C154SM LUNA-PDB-C154SM Datasheet
186Kb / 2P
Photodiode in Plastic Surface Mount Package
More results

Similar Description - PDB-C154SMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDV-C173SM ETC2-PDV-C173SM Datasheet
143Kb / 1P
Photodiode in Plastic Surface Mount Package
PDI-C172SMF ETC2-PDI-C172SMF Datasheet
143Kb / 1P
Photodiode in Plastic Surface Mount Package
logo
Advanced Photonix, Inc.
PDB-C150SM ADVANCEDPHOTONIX-PDB-C150SM Datasheet
142Kb / 1P
Photodiode in Plastic Surface Mount Package
PDB-C152SM ADVANCEDPHOTONIX-PDB-C152SM Datasheet
128Kb / 1P
Photodiode in Plastic Surface Mount Package
PDB-C154SM ADVANCEDPHOTONIX-PDB-C154SM Datasheet
93Kb / 1P
Photodiode in Plastic Surface Mount Package
PDB-C160SM ADVANCEDPHOTONIX-PDB-C160SM Datasheet
148Kb / 1P
Photodiode in Plastic Surface Mount Package
PDB-C171SM ADVANCEDPHOTONIX-PDB-C171SM Datasheet
94Kb / 1P
Photodiode in Plastic Surface Mount Package
logo
Luna Innovations Incorp...
PDB-C152SM LUNA-PDB-C152SM Datasheet
172Kb / 2P
Photodiode in Plastic Surface Mount Package
PDB-C154SM LUNA-PDB-C154SM Datasheet
186Kb / 2P
Photodiode in Plastic Surface Mount Package
PDB-C150SM LUNA-PDB-C150SM Datasheet
189Kb / 2P
Photodiode in Plastic Surface Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com