Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-67583T Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-67583T
Description  ATM 25 MBPS FILTER/MAGNETIC MODULES AND TRANSFORMERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-67583T Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-67583T Datasheet HTML 1Page - Pulse A Technitrol Company PE-67583T Datasheet HTML 2Page - Pulse A Technitrol Company PE-67583T Datasheet HTML 3Page - Pulse A Technitrol Company PE-67583T Datasheet HTML 4Page - Pulse A Technitrol Company PE-67583T Datasheet HTML 5Page - Pulse A Technitrol Company PE-67583T Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mechanical
Mechanical
Schematic
2
12220 WORLD TRADE DRIVE, SAN DIEGO, CALIFORNIA 92128 • TEL 619-674-8100 • FAX 619-674-8262 • http://www.pulseeng.com
H306.A (4/97)
Weight . . . . . . . . . . . . .4.3 grams
Tape & Reel . . . . . . . . . . .160/reel
Tube . . . . . . . . . . . . . . . . .20/tube
PE-67588
1.185
30,10
.475
12,07
1.015
25,78
20X
.025
0,63
SUGGESTED PAD LAYOUT
18X
.050
1,27
18X
.050
1,27
PE-67588
DATE CODE
COUNTRY OF ORIGIN
1.005
25,52
1.145
29,08
.450
11,43
20X
.018
±
.002
0,46 0,05
0° – 8°
20X
.045
1,14
.004/0,10
.010
±
.002
0,25
0,05
.215
5,46
.625
15,87
ATM 25 MBPS FILTER/
MAGNETIC MODULES AND
TRANSFORMERS
For UTP and STP Surface Mount Applications
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Weight . . . . . . . . . . . . .4.0 grams
Tape & Reel . . . . . . . . . . .160/reel
Tube . . . . . . . . . . . . . . . . .20/tube
PE-67583
16X
.045
1,14
0°–8°
16 Surfaces
.370
9,40
.004/0,10
.350
8,89
1.000
25,4
.510
MAX
12,95
16X ±
.020
0,51
.700
17,78
.100
2,54
.015
0,38
.100
2,54
.040
1,02
.540
13,72
.700
17,78
.100
2,54
1
4
15
16
6
7
8
3
5
N/C
2
11
N/C
13
14
12
9
10
LPF
LPF
SUGGESTED PAD LAYOUT
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com