Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS104 Datasheet(PDF) 1 Page - Allied Components International

Part # PCS104
Description  Power Chip Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS104 Datasheet(HTML) 1 Page - Allied Components International

  PCS104 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS104
15
DCR
(Ω)
IDC
Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS104-1R0T-RC
PCS104-1R5T-RC
PCS104-2R2T-RC
PCS104-2R5T-RC
PCS104-3R3T-RC
PCS104-4R7T-RC
PCS104-5R6T-RC
PCS104-6R8T-RC
PCS104-7R0T-RC
PCS104-100M-RC
PCS104-150M-RC
PCS104-180M-RC
PCS104-220M-RC
PCS104-270M-RC
1.0
1.5
2.2
2.5
3.3
4.7
5.6
6.8
7.0
10
15
18
22
27
30
30
30
30
30
30
30
30
30
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.0075
0.0081
0.0105
0.0105
0.013
0.018
0.027
0.027
0.027
0.038
0.050
0.070
0.073
0.090
10.5
10.0
7.5
7.5
6.0
5.7
5.0
5.0
4.8
4.4
3.6
3.5
2.9
2.5
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS104-3R8T-RC
3.8
30
100
0.013
6.0
PCS104-5R2T-RC
5.2
30
100
0.022
5.5
(A)
PCS104-390M-RC
PCS104-470M-RC
PCS104-680M-RC
PCS104-101M-RC
39
47
68
100
20
20
20
20
100
100
100
100
0.128
0.128
0.213
0.304
2.1
2.1
1.5
1.35
PCS104-330M-RC
33
20
100
0.093
2.3
PCS104-151M-RC
PCS104-201M-RC
150
200
20
20
100
100
0.506
0.756
1.15
0.92
PCS104-331M-RC
PCS104-471M-RC
330
470
20
20
100
100
1.090
1.600
0.7
0.5
PCS104-221M-RC
220
20
100
0.756
0.92
All specifications subject to change wtihout notice.
REVISED 6/9/09
KHz, 1V
Features
• Shielded SMD Power Inductor
• Low DC resistance
• Ideal for DC-DC converter applications
Electrical
Inductance Range: 1µh to 470µh
Tolerance: 1.0µh ~ 7.0µh 30%
Operating Temp: -40ºC ~ +85ºC
IDC: Current at which inductance drop =
Test Equipment
(L):
HP 4192A LF Impedance Analyzer
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 1000 pieces per 13 inch reel.
• Available in magnetically shielded
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC
(RDC): Chen Hwa 502
(IDC): HP4284A + HP42841A
Marking: EIA Inductance Code
35% typ.
10µh ~ 470µh 20%
Max
Dimensions:
Inches
(mm)


Similar Part No. - PCS104

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS104-100M-RC ALLIED-PCS104-100M-RC Datasheet
351Kb / 1P
Power Chip Shielded Inductors
PCS104-101M-RC ALLIED-PCS104-101M-RC Datasheet
351Kb / 1P
Power Chip Shielded Inductors
PCS104-150M-RC ALLIED-PCS104-150M-RC Datasheet
351Kb / 1P
Power Chip Shielded Inductors
PCS104-151M-RC ALLIED-PCS104-151M-RC Datasheet
351Kb / 1P
Power Chip Shielded Inductors
PCS104-180M-RC ALLIED-PCS104-180M-RC Datasheet
351Kb / 1P
Power Chip Shielded Inductors
More results

Similar Description - PCS104

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
Power Chip Shielded Inductors
PCS2D09 ALLIED-PCS2D09 Datasheet
410Kb / 1P
Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCS6D38 ALLIED-PCS6D38 Datasheet
355Kb / 1P
Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
Power Chip Shielded Inductors
PCS125 ALLIED-PCS125 Datasheet
359Kb / 1P
Power Chip Shielded Inductors
PCSDR124 ALLIED-PCSDR124 Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR129 ALLIED-PCSDR129 Datasheet
672Kb / 1P
Power Chip Shielded Inductors
PCSHC2D18 ALLIED-PCSHC2D18 Datasheet
378Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com