Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS62-331M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS62-331M-RC
Description  Power Chip Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS62-331M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS62-331M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCS62 Power Chip Shielded Inductors
Features
• Shielded SMD Power Inductor
• Available in magnetically shielded
• Low DC resistance
• Ideal for DC-DC converter
applications
Electrical
Inductance Range:
2.9µh ~ 330µh
Packaging:
1500 pieces per 13 inch reel.
Marking:
EIA Inductance Code
Physical
DCR
Max.
(
Ω)
IDC
(A)
Allied
Part
Number
Inductance
(
µh)
T
olerance
(%)
T
est
Freq.
PCS62-2R9M-RC
PCS62-3R3M-RC
PCS62-4R0M-RC
PCS62-4R7M-RC
PCS62-5R5M-RC
PCS62-6R8M-RC
PCS62-8R2M-RC
PCS62-100M-RC
PCS62-120M-RC
PCS62-150M-RC
PCS62-180M-RC
PCS62-220M-RC
PCS62-270M-RC
PCS62-330M-RC
PCS62-390M-RC
PCS62-470M-RC
PCS62-560M-RC
PCS62-680M-RC
PCS62-820M-RC
PCS62-101M-RC
PCS62-121M-RC
PCS62-151M-RC
2.9
3.3
4.0
4.7
5.5
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
7.96MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
2.52MHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
0.06
.068
0.08
0.08
.096
0.10
0.10
0.15
0.20
0.23
0.27
0.34
0.38
0.45
0.49
0.69
0.78
1.07
1.21
1.39
1.90
2.18
2.00
1.94
1.63
1.63
1.40
1.33
1.14
1.10
1.00
0.90
0.80
0.74
0.66
0.59
0.54
0.50
0.46
0.42
0.38
0.34
0.31
0.28
All specifications subject to change without notice.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Tolerance:
20% over entire range
Test Frequency:
As specified with 1v OSC
Operating Temp:
-40ºC~85ºC
IDC:
Current at which inductance drop
= 35% typ.
Resistance to Soldering Heat
Pre-Heat 150ºC, 1min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC +/- 5ºC for
10 sec. +/- 1 sec.
Test Equipment
(L):
HP4192A LF Impedance Analyzer
(RDC):
Chen Hwa 502
(IDC):
Chen Hwa 1061 + Chen Hwa 301A
or HP4284A + HP42841A
REVISED 12/11/08
PCS62-181M-RC
PCS62-221M-RC
PCS62-271M-RC
PCS62-331M-RC
180
220
270
330
20
20
20
20
1KHz,1V
1KHz,1V
1KHz,1V
1KHz,1V
2.77
3.12
4.38
4.94
0.26
0.23
0.22
0.19
Dimensions:
Inches
(mm)


Similar Part No. - PCS62-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS62-331M-RC ALLIED-PCS62-331M-RC Datasheet
439Kb / 1P
Power Chip Shielded Inductors
More results

Similar Description - PCS62-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
Power Chip Shielded Inductors
PCS2D09 ALLIED-PCS2D09 Datasheet
410Kb / 1P
Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCS6D38 ALLIED-PCS6D38 Datasheet
355Kb / 1P
Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
Power Chip Shielded Inductors
PCS125 ALLIED-PCS125 Datasheet
359Kb / 1P
Power Chip Shielded Inductors
PCSDR124 ALLIED-PCSDR124 Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR129 ALLIED-PCSDR129 Datasheet
672Kb / 1P
Power Chip Shielded Inductors
PCSHC2D18 ALLIED-PCSHC2D18 Datasheet
378Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com