Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS124-331M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS124-331M-RC
Description  Power Chip Shielded Inducto r s
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS124-331M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS124-331M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS124
15
Features
• Magnetically Shielded
• Low DCR Resistance
• High Energy Storage
• Low Energy Loss
• Suitable for pick and place
All specifications subject to change without notice.
DCR
Max.
(
Ω)
IDC
(A)
Allied
Part
Number
Inductance
(
µh)
T
olerance
(%)
T
est
Freq.
PCS124-3R3M-RC
PCS124-3R9M-RC
PCS124-4R7M-RC
PCS124-6R8M-RC
PCS124-100M-RC
PCS124-120M-RC
PCS124-150M-RC
PCS124-180M-RC
PCS124-220M-RC
PCS124-270M-RC
PCS124-330M-RC
PCS124-390M-RC
PCS124-470M-RC
PCS124-560M-RC
PCS124-680M-RC
PCS124-820M-RC
PCS124-101M-RC
3.3
3.9
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.015
0.015
0.018
0.023
0.028
0.038
0.050
0.057
0.066
0.080
0.097
0.132
0.150
0.190
0.220
0.260
0.308
6.5
6.5
5.7
4.9
4.5
4.0
3.2
3.1
2.9
2.8
2.7
2.1
1.9
1.8
1.5
1.3
1.2
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS124-121M-RC
PCS124-151M-RC
PCS124-181M-RC
PCS124-221M-RC
PCS124-271M-RC
PCS124-331M-RC
120
150
180
220
270
330
20
20
20
20
20
20
100
100
100
100
100
100
0.380
0.530
0.650
0.700
0.876
0.990
1.1
.95
.85
.80
.60
.50
Dimensions:
Inches
(mm)
Electrical
Tolerance:
20% Across entire range
Test Frequency:
100Khz, 1V
Operating Temp:
-40ºC ~ 85ºC
Rated Current:
Inductance drop 35% Typical
Inductance Range:
3.3µh to 330µh
Resistance to Soldering Heat
Test Equipment
Physical
Pre-Heat 150ºC, 1 min.
Solder Temp:
260ºC ± 5ºC
Solder Composition:
Sn/Ag3.0/Cu0.5
Immersion Time:
10 sec. ± 1 sec.
(L):
HP 4192A LF Impedance Analyzer
(RDC):
Chen Hwa 502
(IDA):
Chen Hwa 1061 + Chen Hwa 301A
or HP4284A + HP42841A
Packaging:
500 pieces per 13 inch reel
Marking:
EIA Inductance Code
REVISED 4/02/08
KHz, 1V


Similar Part No. - PCS124-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS124-331M-RC ALLIED-PCS124-331M-RC Datasheet
347Kb / 1P
Power Chip Shielded Inducto r s
More results

Similar Description - PCS124-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS124-3R3M-RC ALLIED-PCS124-3R3M-RC Datasheet
347Kb / 1P
Power Chip Shielded Inducto r s
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
Power Chip Shielded Inductors
logo
E-Tech Electronics LTD
GN809 ETL-GN809 Datasheet
378Kb / 4P
 P r o c e s s o r S u p e r v i s o r y
logo
Allied Components Inter...
PCFV49 ALLIED-PCFV49 Datasheet
446Kb / 1P
SMD SEMI SHIELDED POWER INDUCTO
PCS2D09 ALLIED-PCS2D09 Datasheet
410Kb / 1P
Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCS6D38 ALLIED-PCS6D38 Datasheet
355Kb / 1P
Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
Power Chip Shielded Inductors
logo
TAI-TECH Advanced Elect...
TMPA1004S TAI-TECH-TMPA1004S Datasheet
1Mb / 4P
SMD Power Inducto
logo
PHOENIX CONTACT
1115661 PHOENIX-1115661 Datasheet
218Kb / 8P
CAPAROC PM S-R - Power module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com