Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSDR74-331M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCSDR74-331M-RC
Description  Power Chip Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSDR74-331M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCSDR74-331M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCSDR74
15
DCR
(Ω)
I sat
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCSDR74-R56M-RC
PCSDR74-1R5M-RC
PCSDR74-2R2M-RC
PCSDR74-2R7M-RC
PCSDR74-3R3M-RC
PCSDR74-5R2M-RC
PCSDR74-8R2M-RC
PCSDR74-100M-RC
PCSDR74-120M-RC
PCSDR74-150M-RC
PCSDR74-180M-RC
PCSDR74-220M-RC
PCSDR74-270M-RC
PCSDR74-330M-RC
0.56
1.5
2.2
2.7
3.3
5.2
8.2
10
12
15
18
22
27
33
20
20
20
20
20
20
20
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.0104
0.0142
0.0151
0.0185
0.0220
0.0403
0.0529
0.0587
0.0676
0.0764
0.0937
0.1110
0.1413
0.1716
13.100
8.340
7.050
6.110
5.340
4.370
3.400
3.160
2.780
2.480
2.350
2.130
1870
1.730
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCSDR74-3R9M-RC
3.9
20
100
0.0262
4.830
PCSDR74-6R8M-RC
6.8
20
100
0.0502
3.670
(A)
PCSDR74-470M-RC
PCSDR74-560M-RC
PCSDR74-680M-RC
PCSDR74-820M-RC
47
56
68
82
20
20
20
20
100
100
100
100
0.2592
0.2886
0.3180
0.4140
1.410
1.330
1.190
1.100
PCSDR74-390M-RC
39
20
100
0.2154
1.610
PCSDR74-101M-RC
PCSDR74-121M-RC
100
120
20
20
100
100
0.4596
0.5844
0.986
0.908
PCSDR74-181M-RC
PCSDR74-221M-RC
180
220
20
20
100
100
0.8988
1.0884
0.746
0.660
PCSDR74-151M-RC
150
20
100
0.7092
0.812
PCSDR74-271M-RC
270
20
100
1.3902
0.607
REVISED 6/10/09
KHz, 0.1V
All specifications subject to change without notice.
I rms
(A)
PCSDR74-331M-RC
330
20
100
1.6920
0.543
PCSDR74-391M-RC
390
20
100
1.8900
0.501
PCSDR74-471M-RC
470
20
100
2.0880
0.461
PCSDR74-561M-RC
560
20
100
2.5920
0.419
PCSDR74-681M-RC
680
20
100
3.0960
0.384
PCSDR74-821M-RC
820
20
100
3.5160
0.349
PCSDR74-102M-RC
1000
20
100
4.6680
0.313
PCSDR74-1R0M-RC
1.0
20
100
0.0119
10.120
5.729
5.355
4.905
4.747
4.287
3.939
3.605
2.907
2.606
2.537
2.410
2.246
2.111
1.907
1.752
1.553
1.409
1.258
1.146
1.086
1.035
0.907
0.861
0.764
0.693
0.616
0.559
0.495
0.449
0.425
0.404
0.363
0.332
0.311
0.270
PCSDR74-R33M-RC
0.33
20
100
0.0089
18.340
6.194
Features
• Magnetically Shielded
• Expanded operating temp range
• Low DC Resistance
• High Energy Storage
Electrical
Test Equipment
Physical
Packaging: 1000 pieces per 13 inch reel.
• High saturation current as high as 18A
Inductance Range: .33µh to 1200µh
Tolerance: 20% entire inductance range
Test Frequency: 1KHz, 0.1V
Operating Temp: -55ºC ~ +125ºC
Irms: Current at which the
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC
Immersion time: 10 sec. +/- 1 sec.
(L):
HP 4284A LCR meter or equivalent
(RDC):
HP 4338B Millohm meter or equivalent
(IDC): 3260B WK & DC Bias 3265B WK
Marking:
EIA Inductance Code.
Available in tighter tolerances
• Low Energy Loss
• Suitable for pick and place
∆ T=40ºC
Isat: Current at which the inductance
drops 35% from initial value
Storage Temp: -40ºC ~ +85ºC
PCSDR74-122M-RC
1200
20
100
5.2223
0.287
0.255
Dimensions:
Inches
(mm)
Schematic


Similar Part No. - PCSDR74-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSDR74-331M-RC ALLIED-PCSDR74-331M-RC Datasheet
444Kb / 1P
Power Chip Shielded Inductors
More results

Similar Description - PCSDR74-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
Power Chip Shielded Inductors
PCS2D09 ALLIED-PCS2D09 Datasheet
410Kb / 1P
Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCS6D38 ALLIED-PCS6D38 Datasheet
355Kb / 1P
Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
Power Chip Shielded Inductors
PCS125 ALLIED-PCS125 Datasheet
359Kb / 1P
Power Chip Shielded Inductors
PCSDR124 ALLIED-PCSDR124 Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR129 ALLIED-PCSDR129 Datasheet
672Kb / 1P
Power Chip Shielded Inductors
PCSHC2D18 ALLIED-PCSHC2D18 Datasheet
378Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com