Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSM25A8S-R33M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCSM25A8S-R33M-RC
Description  SMD Shielded Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSM25A8S-R33M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCSM25A8S-R33M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Shielded Power Inductor
PCSM25A8S
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
11/07/2013
Features
• Magnetically Shielded Construction
• High Saturation current for its size.
• Low DC Resistance
• Small Foot Print 1008 Package
• Low Profile 1.2Max Ht.
Electrical
Inductance Range: .33µh to 2.2µh
Tolerance:
± 20% over the entire range
Test Frequency: 2MHz, 0.2V
Operating Temp. Range:
i
-40° ~ +125ºC
Isat: DC Current at which the inductance will
drop approximately 30%
Physical
Part temperature should not exceed 125ºC
including temperature rise.
Packaging: 3000 pieces per 7 inch reel
Storage Temp:
i
-55ºC ~+125ºC
Irms: DC Current at which the ∆T =40ºC
Marking: None
Typical
Resistance to Soldering Heat
Pre-Heat: 150ºC, 1 Min.
Solder Composition : Sn/Ag3.0/Cu0.5)
Solder Temp: 260ºC +/-5 ºC
Immersion Time: 10 Sec. +/- 1 sec.
i
Test Equipment
(L): Agilent E4991A/HP 4287A+16197A
DCR : Chen HWA502
Isat: Agilent E4980A+HP42841A
Irms: Agilent 6641 System DC Power Supply
Dimensions:
Inches
(mm)
1.2
.047
.260+/-.008
(2.5+/-0.2)
(2.0+/-0.2)
.118+/-.012
Max
.024+/-.012
(0.6+/-0.3)
Recommended Pattern
1.2
.047
2.8
.110
2.0
.079
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(
µh)
PCSM25A8S-R47M-RC
PCSM25A8S-1R0M-RC
PCSM25A8S-2R2M-RC
Irms
(A)
Test
Frequency
(MHz, 0.2V)
Tolerance
(%)
DCR
mΩ
Max.
Isat
(A)
0.47
1.0
2.2
20
20
20
2
2
2
39
59
115
6.2
4.0
3.3
3.7
3.0
2.0
PCSM25A8S-R68M-RC
0.68
20
2
46
5.5
3.3
PCSM25A8S-1R5M-RC
1.5
20
70
3.4
PCSM25A8S-R33M-RC
0.33
20
2
35
6.8
2
4.0
Max.
Max.
2.5


Similar Part No. - PCSM25A8S-R33M-RC

ManufacturerPart #DatasheetDescription
logo
Electrolube
PCSM320 ELECTROLUBE-PCSM320 Datasheet
156Kb / 1P
Peelable Coating Mask - Synthetic
March 2017
More results

Similar Description - PCSM25A8S-R33M-RC

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com