Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSVLR80 Datasheet(PDF) 1 Page - Allied Components International

Part # PCSVLR80
Description  SMD SEMI-SHIELDED POWER CHIP INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSVLR80 Datasheet(HTML) 1 Page - Allied Components International

  PCSVLR80 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SEMI-SHIELDED POWER CHIP INDUCTOR
15
RDC
(mΩ)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
11/12/13
KHz, 1V
All specifications subject to change without notice.
Irms
PCSVLR80-R90T-RC
0.9
30
100
7.0
7.24
Features
• Semi Magnetically Shielded
Electrical
Test Equipment
Physical
Packaging: 1000 per 13” Tape and Reel
• High Current
Inductance Range: 0.9µh ~ 820µh (other
Tolerance: Available in 20% & 30%
Operating Temp: -55ºC ~ +125ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4284A + HP42841A
(RDC):
Chroma MilliOhm Meter Mode 16502
Current: HP4284A + HP42841A
Marking: AS noted
PCSVLR80
(A)
.315±.008
(8.0±0.2)
.315±.008
(8.0±0.2)
.157±.008
(4.0±0.2)
.091±.012
.091±.012
(2.3±0.3)
(2.3±0.3)
Isat
12.42
Irms: Based on a temp rise of
T = 40ºC
Solder Composition: Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCSVLR80-1R0T-RC
1.0
30
100
7.5
7.15
11.70
PCSVLR80-1R4T-RC
1.4
30
100
9.0
7.02
9.72
PCSVLR80-1R5T-RC
1.5
30
100
11
6.93
9.00
PCSVLR80-2R0M-RC
2.0
20
100
11.5
6.66
8.64
PCSVLR80-2R2M-RC
2.2
20
100
13
6.48
8.28
PCSVLR80-2R5M-RC
2.5
20
100
15
5.67
7.38
PCSVLR80-3R3M-RC
3.3
20
100
18
5.40
6.75
∆
typical.
±30%
(Max)
Marking
R90
1R0
1R4
1R5
2R0
2R2
2R5
3R3
PCSVLR80-4R7M-RC
4.7
20
100
23
4.95
5.40
PCSVLR80-5R6M-RC
5.6
20
100
25
4.68
5.13
PCSVLR80-6R8M-RC
6.8
20
100
38
4.59
4.86
PCSVLR80-100M-RC
10
20
100
45
3.42
3.87
PCSVLR80-120M-RC
12
20
100
50
3.15
4R7
5R6
6R8
10
12
(A)
(Max)
3.42
PCSVLR80-150M-RC
15
20
100
7.0
2.88
3.24
PCSVLR80-180M-RC
18
20
100
7.5
2.43
2.79
PCSVLR80-220M-RC
22
20
100
9.0
2.34
2.52
PCSVLR80-330M-RC
33
20
100
11
1.80
2.07
PCSVLR80-470M-RC
47
20
100
11.5
1.57
1.71
PCSVLR80-680M-RC
68
20
100
13
1.30
1.71
PCSVLR80-101M-RC
100
20
100
15
0.99
1.53
PCSVLR80-121M-RC
120
20
100
18
0.99
0.99
15
18
22
33
47
68
100
120
PCSVLR80-151M-RC
150
20
100
23
0.81
0.90
PCSVLR80-221M-RC
220
20
100
25
0.54
0.84
PCSVLR80-271M-RC
270
20
100
38
0.49
0.74
PCSVLR80-821M-RC
820
20
100
45
0.34
0.36
150
220
270
820
• Semi Magnetically Shielded
• High Current
TYP
Dimensions:
Inches
(mm)
.248
(6.3)


Similar Part No. - PCSVLR80

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV25-100M-RC ALLIED-PCSV25-100M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV25-1R5M-RC ALLIED-PCSV25-1R5M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV25-220M-RC ALLIED-PCSV25-220M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV25-2R2M-RC ALLIED-PCSV25-2R2M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCSVLR80

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCCV22 ALLIED-PCCV22 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24 ALLIED-PCFV24 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV25 ALLIED-PCFV25 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV32 ALLIED-PCFV32 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV35 ALLIED-PCFV35 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV42 ALLIED-PCFV42 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV45 ALLIED-PCFV45 Datasheet
430Kb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV80 ALLIED-PCFV80 Datasheet
529Kb / 1P
SMD Semi Shielded Power Chip Inductor
PCHP42 ALLIED-PCHP42 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCHP54 ALLIED-PCHP54 Datasheet
575Kb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com