Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS80-R82M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PS80-R82M-RC
Description  Power Shielded Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PS80-R82M-RC Datasheet(HTML) 1 Page - Allied Components International

  PS80-R82M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Shielded Inductor
PS80
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
1/18/13
Features
• SMD Ultra High Current up to 45A
Electrical
Inductance Range:
.33µH to 1.2µH additonal
Tolerance:
20% over entire range
Pre-Heat 150ºC, 1 minute.
Test Equipment
(L):
WK 4237 Meter
• Magnetically Shielded Construction
Resistance to Soldering Heat
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC ± 5ºC
DCR:
HK502BS Meter
Temp. Rise:
=40ºC Typical at rated Irms without
without core loss.
Test Frequency
: 100KHz
• Designed for low buzz noise
• Low DC Resistance
Immersion Time:
10 sec. ± 1 sec.
Part temperature should not exceed 125ºC
including temperature rise.
• Suitable for pick and place
values available.
Inductance drop: 30% typical at rated Isat
Physical
Packaging:
500 pieces per 13 inch reel.
Marking:
EIA Inductance Code
Isat/Irms:
3260B WK & DC Bias 3265B WK
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(
µH)
Irms
(
A) Max
Test
Frequency
(KHz, 0.5V)
Tolerance
(±%)
RDC
PS80-R33M-RC
PS80-R47M-RC
PS80-R56M-RC
PS80-R68M-RC
PS80-R82M-RC
PS80-1R0M-RC
PS80-1R2M-RC
Isat
(A) Max
.33
.47
.56
.68
.82
1.0
1.2
2.7
3.1
3.1
3.1
4.2
5.8
5.8
20
20
20
20
20
20
20
100
100
100
100
100
100
100
45
40
3
0
24
21
19
16
22
20
20
20
18
15
15
Available in tighter tolerances
Dimensions:
Inches
(mm)
Operating Temp:
-25ºC to +85ºC


Similar Part No. - PS80-R82M-RC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PS80 TI-PS80 Datasheet
56Kb / 4P
25PS, 42PS, 44PS, 45PS and 46PS Series Pressure Switches
logo
Sensata Technologies, I...
PS80 SENSATA-PS80 Datasheet
351Kb / 3P
AUTOMATIC RESET PRESSURE SWITCHES
logo
List of Unclassifed Man...
PS80 ETC-PS80 Datasheet
25Kb / 1P
Piercing Saw Frame & Blades
logo
Wall Industries,Inc.
PS800 WALL-PS800 Datasheet
156Kb / 4P
800 Watt Single Output PFC and Current Sharing PFC and Current Sharing
PS800S-P009 WALL-PS800S-P009 Datasheet
156Kb / 4P
800 Watt Single Output PFC and Current Sharing PFC and Current Sharing
More results

Similar Description - PS80-R82M-RC

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
SHIELDED POWER INDUCTOR
08.05.09
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
SHIELDED POWER INDUCTOR
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
Shielded Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com