Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS120-R56M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PS120-R56M-RC
Description  Power Shielded Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PS120-R56M-RC Datasheet(HTML) 1 Page - Allied Components International

  PS120-R56M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Shielded Inductor
PS120
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
1/18/13
Features
• SMD Ultra High Current up to 50A Isat
Electrical
Inductance Range:
.22µH to 3.3µH additonal
Tolerance:
20% over entire range
Pre-Heat 150ºC, 1 minute.
Test Equipment
(L):
WK 4237 Meter
• Magnetically Shielded Construction
Resistance to Soldering Heat
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC ± 5ºC
DCR:
HK502BS Meter
Temp. Rise:
=40ºC Typical at rated Irms without
without core loss.
Test Frequency
: 100KHz
• Designed for low buzz noise
• Low DC Resistance
Immersion Time:
10 sec. ± 1 sec.
Part temperature should not exceed 125ºC
including temperature rise.
• Suitable for pick and place
values available.
Inductance drop: 20% typical at rated Isat
Physical
Packaging:
300 pieces per 13 inch reel.
Marking:
EIA Inductance Code
Isat/Irms:
3260B WK & DC Bias 3265B WK
All specifications subject to change without notice.
Allied
Part
Number
Inductance
(
µH)
Irms
(A) Max
Test
Frequency
(KHz, 0.5V)
Tolerance
(±%)
RDC
m Max
PS120-R22M-RC
PS120-R33M-RC
PS120-R47M-RC
PS120-R56M-RC
PS120-R68M-RC
PS120-R82M-RC
Isat
(A) Max
.22
.33
.47
.56
.68
.82
1.5
1.5
1.8
1.8
1.8
2.4
20
20
20
20
20
20
100
100
100
100
100
100
50
45
45
45
40
38
37
37
35
35
35
30
∆
Available in tighter tolerances
PS120-1R0M-RC
PS120-1R5M-RC
PS120-2R2M-RC
1.0
1.5
2.2
2.4
2.4
4.7
20
20
20
100
100
100
34
29
25
25
21
30
PS120-3R3M-RC
3.3
6.3
20
100
19
14
Operating Temp:
-25ºC to +85ºC
Dimensions:
Inches
(mm)
.394
(10. Max)
.485
(12.3 Max)
.461
(11.7 Max)
.079±.008
(2.0±0.2)
.138±.008
(3.5±0.2)
.276
(7.0)
.213
(5.4)
.504
(12.8)


Similar Part No. - PS120-R56M-RC

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS120 ALTECH-PS120 Datasheet
137Kb / 1P
120W Single Output Industrial DIN Rail Power Supply
logo
Bogen Communications LL...
PS120 BOGEN-PS120 Datasheet
1Mb / 1P
MT300M Matching Transformer Module
logo
List of Unclassifed Man...
PS1200 ETC2-PS1200 Datasheet
138Kb / 2P
Electronic Pressure Switch
logo
GOOD-ARK Electronics
PS1200 GOOD-ARK-PS1200 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
More results

Similar Description - PS120-R56M-RC

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-2-392 DATATRONICS-DR340-2-392 Datasheet
120Kb / 1P
SHIELDED POWER INDUCTOR
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
SHIELDED POWER INDUCTOR
08.05.09
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
SHIELDED POWER INDUCTOR
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
Shielded Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com