Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM05 Datasheet(PDF) 1 Page - Allied Components International

Part # SCM05
Description  USB 3.0 Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SCM05 Datasheet(HTML) 1 Page - Allied Components International

  SCM05 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Allied
Part
Number
SCM05-121M-RC
SCM05 USB 3.0 Common Mode Choke
Physical
Packaging: 2000 pieces per 7 inch reel
Marking: None
IDC
Max.
(mA)
200
DCR
Max.
(
Ω)
0.40
Insulation
(MΩ)min
10
Rated
Voltage
(Vdc)
50
Test Freq.
(MHz)
100
Tolerance
(%)
20
Z
120
160
0.43
10
50
100
20
160
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
(Ω)
Resistance
SCM05-600M-RC
SCM05-900M-RC
300
250
0.40
0.30
10
10
20
50
100
100
20
20
60
90
REVISED 06/12/13
Features
• Minature SMD common mode filter
• Suitable for automated assembly
• Excellent solderability
A
ll specifications subject to change without notice.
0.0394±0.008
(1.0±0.2)
0.0492±.008
(1.25±0.2)
0.0126
(0.32)
0.013
(0.33)
0.035±0.008
(0.9±0.2)
0.0394
(1.0)
0.023 0.069
(0.59) (1.75)
0.0142
(0.36)
SCM05-670M-RC
300
0.25
10
50
100
20
67
Impedance vs. Frequency Graph
Electrical
Impedance range:
60Ω to 160Ω
Test Equipment
Tolerance: 20% over entire range
Operating Temp: -25ºC ~ 85ºC
DCR: Single Wire Test Value
Insulation Resistance: HP4339B
(DCR):
Chen Hwa 502BC
Impedance: HP4286A / HP4287A /
Agilent E4991A
HP4285A with HP42841A
Test time: 6 minutes
• Excellent noise attenuation in a small
package
Test Frequency: 100Mhz
IDC:
Inductance drop 10% Typ.
from original value with no current
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC peak for 10 sec.
(IDC):
HP4284A with HP42841A /
Impedance
Dimensions:
Inches
(mm)
SCHEMATIC
NO POLARITY EQUIVALENT CIRCUIT
SCM05-161M-RC


Similar Part No. - SCM05

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SCM05-121M-RC ALLIED-SCM05-121M-RC Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
SCM05-161M-RC ALLIED-SCM05-161M-RC Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
SCM05-600M-RC ALLIED-SCM05-600M-RC Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
SCM05-670M-RC ALLIED-SCM05-670M-RC Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
SCM05-900M-RC ALLIED-SCM05-900M-RC Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
More results

Similar Description - SCM05

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805 COILCRAFT-0805 Datasheet
230Kb / 2P
USB 2.0 Common Mode Choke
1206 COILCRAFT-1206 Datasheet
231Kb / 2P
USB 2.0 Common Mode Choke
logo
Allied Components Inter...
SCM05-600M-RC ALLIED-SCM05-600M-RC Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
SCM10-300M-RC ALLIED-SCM10-300M-RC_11 Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
SCM20-900M-RC ALLIED-SCM20-900M-RC_11 Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
logo
Coilcraft lnc.
1206USB-113MLC COILCRAFT-1206USB-113MLC Datasheet
144Kb / 2P
USB 2.0 Common Mode Choke
logo
Allied Components Inter...
SCM10 ALLIED-SCM10 Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
SCM20 ALLIED-SCM20 Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
logo
Coilcraft lnc.
0805USB COILCRAFT-0805USB Datasheet
386Kb / 2P
USB 2.0 Common Mode Choke
0603USB COILCRAFT-0603USB Datasheet
155Kb / 2P
USB 3.0 Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com