Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM20 Datasheet(PDF) 1 Page - Allied Components International

Part # SCM20
Description  USB 2.0 Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SCM20 Datasheet(HTML) 1 Page - Allied Components International

  SCM20 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Allied
Part
Number
SCM20-161M-RC
SCM20-221M-RC
SCM20-261M-RC
SCM20-601M-RC
SCM20-102M-RC
SCM20-222M-RC
SCM20 USB 2.0 Common Mode Choke
IDC
(mA)
340
320
310
260
230
200
DCR
Max.
(
Ω)
0.4
0.4
0.5
0.8
1.0
1.2
Insulation
(M ) (min)
10
10
10
10
10
10
Rated
Voltage
50
50
50
50
50
50
Test Freq.
(MHz)
100
100
100
100
100
100
Tolerance
(±%)
20
20
Impedance
160
220
260
600
1000
2200
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Resistance
SCM20-900M-RC
SCM20-121M-RC
370
370
0.3
0.3
10
10
50
50
100
100
20
90
120
All specifications subject to change without notice.
REVISED 03/03/11
(
Ω)
Vdc
Ω
20
20
20
20
20
Z
Dimensions:
Inches
(mm)
PAD
LAYOUT
Features
• Minature SMD common mode filter
• Suitable for automated assembly
• Excellent solderability
• SCM series offers wide impedance
range
Electrical
Impedance range:
90 Ω to 2200 Ω
Tolerance: 20% over entire range
Operating Temp: -25ºC ~ 85ºC
DCR: Single Wire Test Value
• Excellent noise attenuation in a small
package
Test Frequency: 100Mhz
IDC:
Inductance drop 10% Typ.
from original value with no current
Physical
Packaging: 2000 pieces per 7 inch reel
Marking: None
Test Equipment
Insulation Resistance: HP4339B
(DCR): Chen Hwa 502BC
(Z): HP4286A / HP4287A /
Agilent E4991A
HP4285A with HP42841A
Test time: 6 minutes
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC peak for 10 sec.
(IDC): HP4284A with HP42841A /
Single wire test value
SCHEMATIC
NO POLARITY EQUIVALENT CIRCUIT


Similar Part No. - SCM20

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SCM20-102M-RC ALLIED-SCM20-102M-RC Datasheet
444Kb / 1P
Surface Mount Common Mode Choke
SCM20-102M-RC ALLIED-SCM20-102M-RC Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
SCM20-121M-RC ALLIED-SCM20-121M-RC Datasheet
444Kb / 1P
Surface Mount Common Mode Choke
SCM20-121M-RC ALLIED-SCM20-121M-RC Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
SCM20-161M-RC ALLIED-SCM20-161M-RC Datasheet
444Kb / 1P
Surface Mount Common Mode Choke
More results

Similar Description - SCM20

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0805 COILCRAFT-0805 Datasheet
230Kb / 2P
USB 2.0 Common Mode Choke
1206 COILCRAFT-1206 Datasheet
231Kb / 2P
USB 2.0 Common Mode Choke
logo
Allied Components Inter...
SCM05-600M-RC ALLIED-SCM05-600M-RC Datasheet
2Mb / 1P
USB 3.0 Common Mode Choke
SCM10-300M-RC ALLIED-SCM10-300M-RC_11 Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
SCM20-900M-RC ALLIED-SCM20-900M-RC_11 Datasheet
449Kb / 1P
USB 2.0 Common Mode Choke
logo
Coilcraft lnc.
0805USB-902MLB COILCRAFT-0805USB-902MLB Datasheet
189Kb / 2P
USB 2.0 Common Mode Choke 0805
1206USB-113MLC COILCRAFT-1206USB-113MLC Datasheet
144Kb / 2P
USB 2.0 Common Mode Choke
logo
Allied Components Inter...
SCM10 ALLIED-SCM10 Datasheet
1Mb / 1P
USB 2.0 Common Mode Choke
logo
Coilcraft lnc.
0805USB COILCRAFT-0805USB Datasheet
386Kb / 2P
USB 2.0 Common Mode Choke
0603USB COILCRAFT-0603USB Datasheet
155Kb / 2P
USB 3.0 Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com