Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM305022-R82K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # SM305022-R82K-RC
Description  Molded RF Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SM305022-R82K-RC Datasheet(HTML) 1 Page - Allied Components International

  SM305022-R82K-RC Datasheet HTML 1Page - Allied Components International SM305022-R82K-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM305022-R10K-RC
0.10
50
520
0.02
3500
SM305022-R12K-RC
0.12
50
525
0.025
3500
SM305022-R15K-RC
0.15
50
525
0.03
3500
SM305022-R22K-RC
0.22
50
450
0.055
2580
SM305022-R33K-RC
0.33
45
360
0.09
2015
SM305022-R39K-RC
0.39
45
330
0.11
1915
SM305022-R47K-RC
0.47
45
310
0.12
1750
SM305022-R56K-RC
0.56
50
280
0.135
1645
SM305022-R68K-RC
0.68
50
250
0.15
1555
SM305022-R82K-RC
0.82
50
220
0.22
1300
SM305022-1R0K-RC
1.0
50
200
0.29
1125
SM305022-1R2K-RC
1.2
33
180
0.42
930
SM305022-1R5K-RC
1.5
33
160
0.50
855
SM305022-1R8K-RC
1.8
33
150
0.65
755
SM305022-2R2K-RC
2.2
33
135
0.95
620
SM305022-2R7K-RC
2.7
33
120
1.20
550
SM305022-3R3K-RC
3.3
33
110
2.00
430
SM305022-3R9K-RC
3.9
33
100
2.30
395
SM305022-4R7K-RC
4.7
33
90
2.60
375
SM305022-5R6K-RC
5.6
45
60
0.32
1030
SM305022-6R8K-RC
6.8
50
55
0.50
820
SM305022-8R2K-RC
8.2
50
50
0.60
748
SM305022-100K-RC
10
55
45
0.90
610
SM305022-120K-RC
12
65
42
1.10
555
SM305022-150K-RC
15
65
40
1.40
495
SM305022-180K-RC
18
75
34
2.25
388
SM305022-220K-RC
22
75
30
2.50
368
SM305022-240K-RC
24
60
26
2.50
368
SM305022-270K-RC
27
60
25
2.60
360
SM305022-300K-RC
30
65
21
2.80
348
SM305022-330K-RC
33
65
19
3.00
337
SM305022-360K-RC
36
60
15.5
2.50
368
SM305022-390K-RC
39
60
14.5
2.60
361
SM305022-430K-RC
43
60
13.7
2.70
353
SM305022-470K-RC
47
55
13.0
2.75
351
SM305022-510K-RC
50
55
12.7
2.85
344
SM305022-560K-RC
56
55
12.0
3.00
335
SM305022-620K-RC
62
55
11.5
3.15
328
SM305022-680K-RC
68
55
11.0
3.30
320
SM305022-750K-RC
75
55
10.5
3.70
302
SM305022-820K-RC
82
50
10.3
3.90
295
SM305022-910K-RC
91
50
10.0
4.30
280
SM305022-101K-RC
100
50
9.5
4.50
275
SM305022-111K-RC
110
60
8.9
4.90
262
SM305022-120K-RC
120
65
8.7
5.20
255
Allied
Part
Number
Rated
I (mA)
Inductance
(
µh)
Q
Min.
DCR
Max.
SRF
(Mhz)
All specifications subject to change without notice.
SM305022
Molded RF Inductor
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
REVISED 07/14/11
Features
• RoHS Compliant
Tape and Reel for Auto Replacement
• Cross to API Delevan 5022 Series
• Wide Inductance Range
Electrical
Inductance Range: .10µh ~ 1,000µh
Tolerance:
10% over entire range
Test Frequency:
25MHz (.10µH-1.2µH)
Operating Temp:
Current Rating: Based on a 10%
Inductance drop from intial value.
Test Equipment
(L & Q):
HP4342A Q Meter
(RDC):
CH-301 Current Source & DCR Meter
(IDC):
CH-301 Current Source & DCR Meter
Physical
Packaging: 800 / reel.
Marking: EIA Inductance Code.
-55ºC ~ +125ºC
SM305022-131K-RC
130
65
8.5
5.45
250
SM305022-151K-RC
150
65
8.0
6.05
237
SM305022-161K-RC
160
65
7.5
6.40
230
SM305022-181K-RC
180
65
8.0
6.05
224
SM305022-201K-RC
200
65
6.5
7.10
219
SM305022-221K-RC
220
65
6.2
7.45
213
SM305022-241K-RC
240
65
5.9
7.80
210
•
Resistance to Solder Heat
Reflow Soldering: 260ºC 10 seconds
Also, available in 5%
7.9MHz (1.2µH - 10µH)
.79MHz (110µH - 1000µH)
(SRF):
HP4191A, HP4291B
(Ω)
Min.
.490 to .520
12.45 to 13.21
.230 to .250
5.84 to 6.35
.210 to .230
5.33 to 5.84
.050 Min
1.27 Min
.055 to .095
1.40 to 2.41
Pg 1 of 2
Dimensions:
Inches
(mm)


Similar Part No. - SM305022-R82K-RC

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM3054NSU SINOPWER-SM3054NSU Datasheet
271Kb / 11P
N-Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SM3054NSU DOINGTER-SM3054NSU Datasheet
756Kb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Sinopower Semiconductor...
SM3054NSUC-TRG SINOPWER-SM3054NSUC-TRG Datasheet
271Kb / 11P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - SM305022-R82K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
Molded Axial Inductor
9250A BOURNS-9250A Datasheet
248Kb / 2P
Molded Axial Inductor
logo
Pulse A Technitrol Comp...
PA5449.XXXNLT PULSE-PA5449.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
logo
Shenzhen Codaca Electro...
CSEB0430H CODACA-CSEB0430H Datasheet
917Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0550H CODACA-CSEB0550H Datasheet
827Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0630 CODACA-CSEB0630 Datasheet
1,008Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730H CODACA-CSEB0730H Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0770H CODACA-CSEB0770H Datasheet
795Kb / 7P
Molded Power Inductor
07/14/2020
CSEB1350 CODACA-CSEB1350 Datasheet
900Kb / 7P
Molded Power Inductor
07/14/2020
VSEB0850H CODACA-VSEB0850H Datasheet
859Kb / 7P
Molded Power Inductor
Revised: 07/14/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com