Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC02 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74LVC02
Description  Quad. 2-input NOR Gates
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC02 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74LVC02 Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC02 Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC02 Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC02 Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC02 Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC02 Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC02 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LVC02
4
Electrical Characteristics
Ta = –40 to 85
°C
Item
Symbol V
CC (V)
Min
Max
Unit Test Conditions
Input voltage
V
IH
2.7 to 3.6
2.0
—
V
4.5 to 5.5
V
CC×0.7
—
V
V
IL
2.7 to 3.6
—
0.8
V
4.5 to 5.5
—
V
CC×0.3
V
Output voltage
V
OH
2.7 to 5.5
V
CC–0.2
—
V
I
OH = –100 µA
2.7
2.2
—
V
I
OH = –12 mA
3.0
2.4
—
V
I
OH = –12 mA
3.0
2.0
—
V
I
OH = –24 mA
4.5
3.8
—
V
I
OH = –24 mA
V
OL
2.7 to 5.5
—
0.2
V
I
OL = 100 µA
2.7
—
0.4
V
I
OL = 12 mA
3.0
—
0.55
V
I
OL = 24 mA
4.5
—
0.55
V
I
OL = 24 mA
Input current
I
IN
0 to 5.5
—
±5.0
µAV
IN = 5.5 V or GND
Quiescent supply current I
CC
5.5
—
20
µAV
IN = VCC or GND
∆I
CC
3.0 to 3.6
—
500
µAV
IN = one input at (VCC–0.6)V,
other inputs at V
CC or GND
Switching Characteristics
Ta = –40 to 85
°C
Item
Symbol
V
CC (V)
Min
Typ
Max
Unit
From (Input) To (Output)
Propagation delay time
t
PLH
2.7
—
4.5
7.0
ns
A or B
Y
t
PHL
3.3
±0.3
1.5
3.5
6.0
ns
5.0
±0.5
—
2.5
5.0
ns
Input capacitance
C
IN
2.7
—
3.0
—
pF
Output capacitance
C
O
2.7
—
15.0
—
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com