Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC220HT Datasheet(PDF) 1 Page - Allied Components International

Part # TC220HT
Description  Toroid Chokes High Temp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

TC220HT Datasheet(HTML) 1 Page - Allied Components International

  TC220HT Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Magnetic Radiation
• Low Core Loss
• High current capacity up to 23 Amps
Electrical
Inductance Range: 1.2µh to 1000µh
Additional values available
Tolerance: 15% over entire range
( )TC220HT-1R2L-RC
( )TC220HT-1R8L-RC
( )TC220HT-2R2L-RC
( )TC220HT-3R3L-RC
( )TC220HT-3R9L-RC
( )TC220HT-4R7L-RC
( )TC220HT-5R6L-RC
( )TC220HT-6R8L-RC
( )TC220HT-8R2L-RC
( )TC220HT-100L-RC
( )TC220HT-120L-RC
( )TC220HT-150L-RC
( )TC220HT-180L-RC
( )TC220HT-220L-RC
( )TC220HT-270L-RC
( )TC220HT-330L-RC
( )TC220HT-390L-RC
( )TC220HT-470L-RC
( )TC220HT-560L-RC
( )TC220HT-680L-RC
( )TC220HT-820L-RC
( )TC220HT-101L-RC
( )TC220HT-121L-RC
Allied
Part
Number
Inductance
(
µH)
L(µH)
±15%
@I rated
IDC
(A)
DIM
(Nom)
1.2
1.8
2.2
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
23.8
21.8
20.1
18.8
17.8
16.9
16.1
15.7
15.1
11.2
10.9
10.3
9.7
9.3
8.9
8.4
8.1
6.4
6.1
5.8
5.6
5.3
5.0
.88
.88
.88
.88
.88
.88
.88
.88
.88
.88
.88
.88
.88
.87
.87
.87
.87
.86
.86
.86
.90
.90
.90
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.042
.042
.042
.042
.034
.034
.034
.034
.034
.034
Please specify Vertical or Horizontal Mount by placing a V or H at the beginning of the part number,
i.e. VTC220HT-100L (Vertical Mount). All specifications subject to change without notice.
DCR
(Ω)
1.0
1.5
1.8
2.7
3.1
3.7
4.4
5.2
6.2
7.9
9.4
11.5
13.6
16.3
19.7
23.5
27.4
34.9
40.9
48.8
57.6
68.9
80.8
.46
.46
.46
.46
.46
.46
.46
.46
.46
.46
.46
.46
.46
.45
.45
.45
.45
.44
.44
.44
.48
.48
.48
.003
.003
.005
.005
.006
.006
.007
.007
.008
.014
.015
.017
.018
.020
.022
.025
.026
.042
.046
.050
.055
.061
.067
Tolerance
(%)
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
Toroid Chokes High Temp
TC220HT
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Vertical Mount
Horizontal Mount
0.55
(13.97)
MAX
A
B
C
0.95
(24.13)
MAX
Dimensions:
Inches
(mm)
Tin lead to coil
0.50
(12.70)
• Available in Horizontal or Vertical configuration
Test Frequency: 1KHz
Operating Temp: -55ºC ~ +200ºC
Temp Rise:
∆ T=50ºC Typical at rated IDC
Test Equipment
(L): 100 LCR meter or equivalent
DCR: Chen Hwa 502
Physical
Packaging: Bulk
Marking: None
02/16/12
@ 1KHZ
MAX
A
DIM
(Nom)
B
DIM
(Nom)
C
• High Temperature rating up to 200ºC
( )TC220HT-151L-RC
( )TC220HT-181L-RC
( )TC220HT-221L-RC
( )TC220HT-271L-RC
( )TC220HT-331L-RC
( )TC220HT-391L-RC
( )TC220HT-471L-RC
( )TC220HT-561L-RC
( )TC220HT-680L-RC
( )TC220HT-821L-RC
( )TC220HT-102L-RC
150
180
220
270
330
390
470
560
680
820
1000
4.8
4.6
4.3
3.3
3.1
3.0
2.8
2.7
2.6
2.0
1.9
.90
.90
.90
.88
.88
.88
.91
.91
.91
.91
.91
.034
.034
.034
.027
.027
.027
.027
.027
.027
.022
.022
98.4
115.6
137.5
184.8
220.7
255.2
300.5
350.3
414.8
548.5
653.1
.48
.48
.48
.46
.46
.46
.49
.49
.49
.49
.49
.075
.082
.091
.160
.180
.190
.210
.230
.270
.440
.490
15
15
15
15
15
15
15
15
15
15
15


Similar Part No. - TC220HT

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
Toroid Chokes
TC220-100L-RC ALLIED-TC220-100L-RC Datasheet
1Mb / 1P
Toroid Chokes
TC220-101L-RC ALLIED-TC220-101L-RC Datasheet
1Mb / 1P
Toroid Chokes
TC220-102L-RC ALLIED-TC220-102L-RC Datasheet
1Mb / 1P
Toroid Chokes
TC220-120L-RC ALLIED-TC220-120L-RC Datasheet
1Mb / 1P
Toroid Chokes
More results

Similar Description - TC220HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM19 ETC1-HM19 Datasheet
115Kb / 2P
Toroid Style Common-Mode Chokes
logo
Rhombus Industries Inc.
L-11714 RHOMBUS-IND-L-11714 Datasheet
24Kb / 1P
Small Toroid RF Chokes
L-11759 RHOMBUS-IND-L-11759 Datasheet
17Kb / 1P
Small Toroid RF Chokes
01/03/001
L-11780F RHOMBUS-IND-L-11780F Datasheet
19Kb / 1P
Small Toroid RF Chokes
02/02/00
L-11781F RHOMBUS-IND-L-11781F Datasheet
19Kb / 1P
Small Toroid RF Chokes
02/02/00
L-11782F RHOMBUS-IND-L-11782F Datasheet
19Kb / 1P
Small Toroid RF Chokes
02/02/00
logo
Allied Components Inter...
VTCB210HT-1R0L-RC ALLIED-VTCB210HT-1R0L-RC Datasheet
1Mb / 1P
Toroid Chokes High Temp on Base
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
Toroid Chokes
VTCB210HT ALLIED-VTCB210HT Datasheet
1Mb / 1P
Toroid Chokes High Temp on Base
logo
Coilcraft lnc.
DMT COILCRAFT-DMT_13 Datasheet
312Kb / 2P
Output Power Chokes ??Toroid Styles
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com